Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ36CA Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # SMBJ36CA
Description  600W Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMBJ36CA Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  SMBJ36CA Datasheet HTML 1Page - TAITRON Components Incorporated SMBJ36CA Datasheet HTML 2Page - TAITRON Components Incorporated SMBJ36CA Datasheet HTML 3Page - TAITRON Components Incorporated SMBJ36CA Datasheet HTML 4Page - TAITRON Components Incorporated SMBJ36CA Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. C/AH 2007-08-01
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSOR
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-247-2232
(800)-TAITRON
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
SMBJ5.0A~170CA
600W Surface Mount Transient Voltage Suppressor
Features
Stand-off voltage from 5.0 to 170 volts
600W Peak Pulse Power capability on 10/1000 µs waveform
repetition rate(duty cycle): 0.01%
Fast response time: typically less than 1.0ps from 0v to VBR
Low incremental surge resistance, excellent clamping capability
Typical IR less than 1 uA above 10V
High temperature soldering guaranteed:250°C/10 seconds at terminals
This series is UL recognized under component index. File number E315008
RoHS Compliant
Mechanical Data
Case:
SMB JEDEC DO-214AA molded plastic
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity:
Cathode indicated by color band except Bi-directional
Weight:
0.003 ounces, 0.093 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
V WM
Stand-Off Voltage
5.0 to 170
V
PPPM
Peak Pulse Power Dissipation
on 10/1000 us waveform
600 Minimum
W
Non-repetitive current pulse
IPPM
Peak Pulse current
on 10/1000 us waveform
See Table
A
Non-repetitive current pulse
PM(AV)
Steady State Power Dissipation
5.0
W
At TL(Lead Temperature)=75°C
(Note 1)
IFSM
Peak Forward Surge Current
100
A
Note 1 &2
3.5
VWM <100
V F
Maximum Instantaneous
Forward Voltage
5.0
VWM ≥100
V
IPP=25A, Note 2
TJ,TSTG
Operating and Storage
Temperature Range
-55 to 150
° C
SMB


Similar Part No. - SMBJ36CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ36CA SOCAY-SMBJ36CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bytes
SMBJ36CA BYTES-SMBJ36CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMBJ36CA UMW-SMBJ36CA Datasheet
628Kb / 4P
   5V-188V 600W
logo
Suntan Capacitors
SMBJ36CA SUNTAN-SMBJ36CA Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
SMBJ36CA SECOS-SMBJ36CA Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
More results

Similar Description - SMBJ36CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com