Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ160A Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # SMBJ160A
Description  600W Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMBJ160A Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  SMBJ160A Datasheet HTML 1Page - TAITRON Components Incorporated SMBJ160A Datasheet HTML 2Page - TAITRON Components Incorporated SMBJ160A Datasheet HTML 3Page - TAITRON Components Incorporated SMBJ160A Datasheet HTML 4Page - TAITRON Components Incorporated SMBJ160A Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
600W Surface Mount Transient Voltage Suppressor
Rev.C/AH 2007-08-01
www.taitroncomponents.com
Page 3 of 5
SMBJ5.0A~170CA
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current
P/N
Device
Marking
Code
Stand-
Off
Voltage
V BR
Max.
Clamping
Voltage@
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM
(Volts)
Min.
Max.
IT(mA)
VC (Volts)
IPPM
(Amps)
ID (
µA)
SMBJ36A
SMBJ36CA
MP
CP
36
40.0
44.2
58.1
10.3
SMBJ40A
SMBJ40CA
MR
CR
40
44.4
49.1
1.0
64.5
9.3
1.0
SMBJ43A
SMBJ43CA
MT
CT
43
47.8
52.8
69.4
8.6
SMBJ45A
SMBJ45CA
MV
CV
45
50.0
55.3
72.7
8.3
SMBJ48A
SMBJ48CA
MX
CX
48
53.3
58.9
77.4
7.8
SMBJ51A
SMBJ51CA
MZ
CZ
51
56.7
62.7
1.0
82.4
7.3
1.0
SMBJ54A
SMBJ54CA
NE
DE
54
60.0
66.3
87.1
6.9
SMBJ58A
SMBJ58CA
NG
DG
58
64.4
71.2
93.6
6.4
SMBJ60A
SMBJ60CA
NK
DK
60
66.7
73.7
96.8
6.2
SMBJ64A
SMBJ64CA
NM
DM
64
71.1
78.6
1.0
103
5.8
1.0
SMBJ70A
SMBJ70CA
NP
DP
70
77.8
86.0
113
5.3
SMBJ75A
SMBJ75CA
NR
DR
75
83.3
92.1
121
5.0
SMBJ78A
SMBJ78CA
NT
DT
78
86.7
95.8
126
4.8
SMBJ85A
SMBJ85CA
NV
DV
85
94.4
104
1.0
137
4.4
1.0
SMBJ90A
SMBJ90CA
NX
DX
90
100
111
146
4.1
SMBJ100A
SMBJ100CA
NZ
DZ
100
111
123
162
3.7
SMBJ110A
SMBJ110CA
PE
EE
110
122
135
177
3.4
SMBJ120A
SMBJ120CA
PG
EG
120
133
147
1.0
193
3.1
1.0
SMBJ130A
SMBJ130CA
PK
EK
130
144
159
209
2.9
SMBJ150A
SMBJ150CA
PM
EM
150
167
185
243
2.5
SMBJ160A
SMBJ160CA
PP
EP
160
178
197
259
2.3
SMBJ170A
SMBJ170CA
PR
ER
170
189
209
1.0
275
2.2
1.0
Note: 1.
For parts with suffix A, the V BR is +/- 5%.
2.
For Bi-directional type having VWM of 10V or less, the ID limit is double.


Similar Part No. - SMBJ160A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ160A JGD-SMBJ160A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ160A DIGITRON-SMBJ160A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Micro Commercial Compon...
SMBJ160A MCC-SMBJ160A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
SeCoS Halbleitertechnol...
SMBJ160A SECOS-SMBJ160A Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
logo
Weitron Technology
SMBJ160A WEITRON-SMBJ160A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMBJ160A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com