Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ33CA Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # SMCJ33CA
Description  1500W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMCJ33CA Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  SMCJ33CA Datasheet HTML 1Page - TAITRON Components Incorporated SMCJ33CA Datasheet HTML 2Page - TAITRON Components Incorporated SMCJ33CA Datasheet HTML 3Page - TAITRON Components Incorporated SMCJ33CA Datasheet HTML 4Page - TAITRON Components Incorporated SMCJ33CA Datasheet HTML 5Page - TAITRON Components Incorporated SMCJ33CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. D/AH 2008-02-25
SMCJ 5.0A - 170CA
1500W Surface Mount
Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1500W Surface Mount Transient Voltage Suppressor
Features
• Stand-off voltage from 5.0 to 170 volts
• Glass passivated junction
• 1500W peak pulse power capability with a 10/1000μs waveform,
repetition rate(duty cycle): 0.01%
• Fast response time: typically less than 1.0ps from 0v to VBR
• Low incremental surge resistance, excellent clamping capability
• High temperature soldering guaranteed: 250°C/10 seconds at terminals
• This series is UL recognized under component index. File number E315008
• RoHS Compliant
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
VWM
Stand-Off Voltage
5.0 to 170
V
PPPM
Peak Pulse Power Dissipation
on 10/1000μs Waveform(1) (2)
Minimum 1500
W
IPPM
Peak Pulse Current
on 10/1000μs Waveform(1)
See Table
A
IFSM
Peak Forward Surge Current
8.3ms Single Half Sine-wave,
Uni-directional only (2)
200
A
3.5
SMCJ5.0~SMCJ90
VF
Maximum Instantaneous
Forward Voltage for Uni-
directional only
5.0
V
SMCJ100~SMCJ170
TJ,TSTG
Operating Junction and Storage
Temperature Range
-55 to 150
° C
Notes:
(1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
(2) Mounted on 0.31 x 0.31” (8.0 x 8.0mm) copper pads to each terminal
(3) Mounted on minimum recommended pad layout
SMC


Similar Part No. - SMCJ33CA

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
SMCJ33CA HOTTECH-SMCJ33CA Datasheet
541Kb / 3P
   Transient Voltage Suppressors
logo
Fairchild Semiconductor
SMCJ33CA FAIRCHILD-SMCJ33CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
PACELEADER INDUSTRIAL
SMCJ33CA PACELEADER-SMCJ33CA Datasheet
137Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HY ELECTRONIC CORP.
SMCJ33CA HY-SMCJ33CA Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMCJ33CA LUGUANG-SMCJ33CA Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ33CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com