Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INK0002AM1 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # INK0002AM1
Description  Silicon N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INK0002AM1 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  INK0002AM1 Datasheet HTML 1Page - Isahaya Electronics Corporation INK0002AM1 Datasheet HTML 2Page - Isahaya Electronics Corporation INK0002AM1 Datasheet HTML 3Page - Isahaya Electronics Corporation INK0002AM1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INK0002AX SERIES
High speed switching
Silicon N-channel MOSFET
MAXIMUM RATING(Ta=25℃)
RATING
SYMBOL
PARAMETER
INK0002AT2
INK0002AU1
INK0002AM1
INK0002AC1
UNIT
DSS
Drain-source voltage
30
V
GSS
Gate-source voltage
±8
V
D
Drain current
200
mA
Total
power
dissipation
(Ta=25℃)
125(※)
150
200
mW
Tch
Channel temperature
+125
+150
Tstg
Range of Storage temperature
-55~+125
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25℃)
※package mounted on 9mm×19mm×1mm glass-epoxy substrate.
LIMIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-source breakdown voltage
I
D=100μA, V GS=0V
30
-
-
V
IGSS
Gate-source leak current
V
GS=±5V, VDS=0V
-
-
±0.5
μA
IDSS
Zero gate voltage drain current
V
DS=30V ,VGS=0V
-
-
50
μA
Vth
Gate threshold voltage
I
D=250μA, V DS= V GS
0.6
-
1.2
V
|
Yfs |
Forward transfer admittance
V
DS=10V, I D=0.1A
-
300
-
mS
RDS(ON)
Static
drain-source
on-state
resistance
I
D=100mA, V GS=4.0V
-
1.1
-
Ω
Ciss
Input capacitance
V
DS=10V, V GS=0V,f=1MHz
-
33
-
pF
Coss
Output capacitance
V
DS=10V, V GS=0V,f=1MHz
-
6.8
-
pF
tON
-
12
-
tOFF
Switching time
V
DD =5V , I D =10mA
V
GS=0~5V
-
80
-
ns
Switching time test condition
VDD=5V
D.U.≦1%
Common source
Ta=25℃
90%
10%
90%
10%
0V
5V
VDD
VDS(ON)
ton
toff
tr
tf
5V
0
10μs
IN
OUT
50Ω
RL
VDD
test circuit
input
waveform
output
waveform
VDD=5V
D.U.≦1%
Common source
Ta=25℃
90%
10%
90%
10%
0V
5V
VDD
VDS(ON)
ton
toff
tr
tf
90%
10%
90%
10%
0V
5V
VDD
VDS(ON)
ton
toff
tr
tf
5V
0
10μs
IN
OUT
50Ω
RL
VDD
IN
OUT
50Ω
RL
VDD
test circuit
input
waveform
output
waveform
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - INK0002AM1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INK0002AM1 ISAHAYA-INK0002AM1 Datasheet
138Kb / 4P
    High speed switching Silicon N-channel MOSFET
More results

Similar Description - INK0002AM1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com