Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA17CA Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # SA17CA
Description  500W Glass Passivated Junction Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SA17CA Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  SA17CA Datasheet HTML 1Page - TAITRON Components Incorporated SA17CA Datasheet HTML 2Page - TAITRON Components Incorporated SA17CA Datasheet HTML 3Page - TAITRON Components Incorporated SA17CA Datasheet HTML 4Page - TAITRON Components Incorporated SA17CA Datasheet HTML 5Page - TAITRON Components Incorporated SA17CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
500W Glass Passvated Junction Transient Voltage Suppressor
Rev. B/AH 2007-11-10
SA5.0A~180CA
www.taitroncomponents.com
Page 4 of 6
Fig.1- Peak Pulse Power Rating Curve
Pulse Width
td
Ambient Temperature Ta (°C)
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Curr.
P/N
Stand-Off
Voltage
V BR
Max.
Clamping
Vltg. @
IPPM
Max.
Peak Pulse
Current
Max. Reverse
Leakage Current
@
V WM
Uni-Polar
Bi-Polar
V WM (Volts)
Min.
Max.
IT(mA)
VC (Volts)
IPPM (Amps)
ID (
μA)
SA100A
SA100CA
100.0
111.0
123.0
162.0
3.1
SA110A
SA110CA
110.0
122.0
135.0
177.0
2.9
SA120A
SA120CA
120.0
133.0
147.0
193.0
2.6
SA130A
SA130CA
130.0
144.0
159.0
1
209.0
2.4
1
SA150A
SA150CA
150.0
167.0
185.0
243.0
2.1
SA160A
SA160CA
160.0
178.0
197.0
259.0
1.9
SA170A
SA170CA
170.0
189.0
209.0
275.0
1.8
SA180A
SA180CA
180.0
200.0
233.0
1
289.0
1.7
1
Note: 1.
For Bi-directional type having VWM of 10V or less, the ID limit is double.
2.
For parts with suffix A, the V BR is +/- 5%.
Typical Characteristics Curves


Similar Part No. - SA17CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA17CA PANJIT-SA17CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
MERITEK ELECTRONICS COR...
SA17CA MERITEK-SA17CA Datasheet
293Kb / 4P
   Transient Voltage Suppressors
logo
Yangzhou yangjie electr...
SA17CA YANGJIE-SA17CA Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
SA17CA WTE-SA17CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Ruilongyuan Electronics...
SA17CA RUILON-SA17CA Datasheet
848Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SA17CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com