Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAC10 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # SAC10
Description  500W Low Capacitance Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SAC10 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  SAC10 Datasheet HTML 1Page - TAITRON Components Incorporated SAC10 Datasheet HTML 2Page - TAITRON Components Incorporated SAC10 Datasheet HTML 3Page - TAITRON Components Incorporated SAC10 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/AH 2007-09-26
SAC5.0 – SAC50
500W Low Capacitance
Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
500W Low Capacitance Transient Voltage Suppressor
Features
• Stand-off voltage from 5.0 to 50 volts
• Glass passivated junction
• Excellent clamping capability
• Low incremental surge resistance
• 400W peak pulse capability with a 10/1000us waveform,
Repetition rate (duty cycle): 0.01%
• Fast response time: typically less than 1.0ps from 0V to VBR
• Ideal for data line applications
• High temperature soldering guaranteed 265°C/10 seconds,
0.375” (9.5mm) lead length, 5lbs, (2.3kg) tension
• This series is UL recognized under component index. File number E315008
• RoHS Compliant
Mechanical Data
Case:
JEDEC DO-15 molded plastic body over passivated junction
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Solder plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes positive end (cathode)
Mounting position:
Any
Weight:
0.015 Ounce, 0. 4 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
PPPM
Peak Pulse Power Dissipation
on 10/1000 us waveform
Minimum 500
W
Non-repetitive current pulse, per Fig.3 and
derated above TA=25° C per Fig.2
IPPM
Peak Pulse current with a
10/1000 us waveform
See Table
A
PM(AV)
Steady State Power Dissipation
3
W
TL= 75° C with lead lengths or 0.375”
(9.5mm)
TJ,TSTG
Operating Junction and Storage
Temperature Range
-55 to 175
° C
DO-15


Similar Part No. - SAC10

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC10 EIC-SAC10 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
SAC10 MERITEK-SAC10 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
logo
StarHope
SAC10 SPSEMI-SAC10 Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
Microsemi Corporation
SAC10 MICROSEMI-SAC10 Datasheet
65Kb / 2P
   LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
Micro Commercial Compon...
SAC10 MCC-SAC10 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - SAC10

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SAC6.0-TP MCC-SAC6.0-TP Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com