Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2B Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # S2B
Description  1.5A Surface Mount Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

S2B Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  S2B Datasheet HTML 1Page - TAITRON Components Incorporated S2B Datasheet HTML 2Page - TAITRON Components Incorporated S2B Datasheet HTML 3Page - TAITRON Components Incorporated S2B Datasheet HTML 4Page - TAITRON Components Incorporated S2B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1.5A Surface Mount Rectifier
Rev. B/AH 2007-09-21
S2A – S2M
www.taitroncomponents.com
Page 5 of 5
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-54249942
Fax: +86-21-5424-9931
TAITRON COMPONETS INCORPORATED E REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052


Similar Part No. - S2B

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
S2B CHENG-YI-S2B Datasheet
113Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S2B PANJIT-S2B Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
S2B CHONGQING-S2B Datasheet
177Kb / 1P
   1.5AMPS. SURFACE MOUNT RECTIFIERS
logo
Leshan Radio Company
S2B LRC-S2B Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
Micro Commercial Compon...
S2B MCC-S2B Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S2B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
S2AA TAITRON-S2AA Datasheet
196Kb / 5P
   1.5A Surface Mount Rectifier
logo
Diodes Incorporated
S2A DIODES-S2A Datasheet
47Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
S2A DIODES-S2A_10 Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 14 - 2
RS2JA-13-F DIODES-RS2JA-13-F Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
S2BA-13-F DIODES-S2BA-13-F Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
RS2AA-13 DIODES-RS2AA-13 Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
S2AAH TSC-S2AAH Datasheet
561Kb / 6P
   1.5A, 50V - 1000V Surface Mount Rectifier
logo
Diodes Incorporated
S2MA-13 DIODES-S2MA-13 Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
RS2A DIODES-RS2A_1 Datasheet
393Kb / 3P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 9 - 2
S2A DIODES-S2A_1 Datasheet
83Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 11 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com