Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM645FR8EU-10LF Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM645FR8EU-10LF
Description  256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM645FR8EU-10LF Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM645FR8EU-10LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM645FR8EU-10LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM645FR8EU-10LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM645FR8EU-10LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM645FR8EU-10LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM645FR8EU-10LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM645FR8EU-10LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM645FR8EU-10LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM645FR8EU-10LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM620FU8BS Series
Low Power, 256Kx8 SRAM
3
ABSOLUTE MAXIMUM RATINGS *
* Stresses greater than those listed above “Absolute Maximum Ratings” may cause permanent damage to the device. Functional oper-
ation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
Parameter
Symbol
Minimum
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to 4.0V
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS1
CS2
OE
WE
I/O0-7
Mode
Power
H
X
X
X
High-Z
Deselected
Stand by
X
L
X
X
High-Z
Deselected
Stand by
L
H
H
H
High-Z
Output Disabled
Active
L
H
L
H
Data Out
Read
Active
L
H
X
L
Data In
Write
Active


Similar Part No. - EM645FR8EU-10LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM645FR8AS-45L EMLSI-EM645FR8AS-45L Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM645FR8AS-45S EMLSI-EM645FR8AS-45S Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM645FR8AS-85L EMLSI-EM645FR8AS-85L Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM645FR8AS-85S EMLSI-EM645FR8AS-85S Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM645FR8AU-45L EMLSI-EM645FR8AU-45L Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM645FR8EU-10LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com