Picometrix, Inc. • PO Box 130243
Ann Arbor, MI • 48113-0243
734-998-4501 • 734-998-3474 fax
www.picometrix.com
Application Notes
Electrostatic discharge (ESD) will cause permanent
damage to the product. Please avoid any ESD to the
input pins or output connector. Use standard ESD
protective equipment when handling this product.
Temperature and fiber restrictions are as follows:
Lead soldering: 250°C for no more than 10 seconds
Fiber feed-through tube: 120°C
Fiber pull force: 10 N
Fiber bending radius: 1 inch or less
Exceeding these conditions can cause permanent
damage to the device.
Quality Vision
As a leader in ultrafast optical receivers, Picometrix
is committed to providing the highest quality
ultrafast products on the market. This quality vision
commits us to continually improving our product
designs and manufacturing processes, in order to
ensure the highest level of customer satisfaction.
The company maintains a stringent quality control
program to ensure that all products meet or
surpass customer requirements.
2X ø.080 THRU
.100
.100
.018 TYP.
.700
1.148
.295
.325
.195
.873
.500
.050
.202
Single-mode fiber
with 900µm buffer
(1 meter typical)
.500
1
2
3
P-18A Ordering Information
Base model
P-18A
Option format
/Package/Output termination/Fiber connector
Package options
3K or 3NC
Output termination option
Z50
Fiber connector options
FC or SC
Product Specifications
© 2002 Picometrix, Inc. All rights reserved. Specifications
and output data subject to change without notice.
PB-P-18A-0202-A
Pin Description
1V
PD
2
GND
3NC
05
10
15
20
25
-12
-9
-6
-3
0
Frequency (GHz)