Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-10A Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part # PT-10A
Description  A -19 dBm sensitivity, single-output receiver module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

PT-10A Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  PT-10A Datasheet HTML 1Page - Advanced Photonix, Inc. PT-10A Datasheet HTML 2Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PT-10A
Product Bulletin (Preliminary) • February 2002
• PIN/TIA receiver module
• High data rate, up to 10.7 Gb/s
• High sensitivity, -19 dBm
• 1200–1650 nm wavelength range
• Compact 8-pin butterfly package
• SMA or GPO output connector
The PT-10A is a -19 dBm sensitivity,
single-output receiver module for
OC-192 / STM-64 transmission system
receive applications up to 10.7 Gb/s.
It couples a high responsivity (1 A/W),
back-illuminated PIN photodiode, usable
from 1200 nm to 1650 nm, with an
internal transimpedance gain stage of
500 V/A. This combination produces a
receiver with a 9 GHz bandwidth and
conversion gain of 500 V/W.
The single-coaxial output module is
available with either an SMA or GPO
output connector in a compact, 8-pin
butterfly package with single-mode fiber
input. A single +8V power supply can be
used. The receiver meets Telcordia
GR-468 qualification standards.
Specifications
Minimum
Typical
Maximum
Units
Wavelength range
1200
1650
nm
Bandwidth (-3dB electrical)
8
9
GHz
Low frequency cutoff1
30
kHz
Sensitivity2
-19
-17
dBm
Overload
0
+1
dBm
Responsivity @ 1550 nm
0.9
1.0
A/W
Transimpedance gain
400
500
Output Return Loss (< 8 GHz)
-10
dB
Optical Return Loss
-30
dB
Power dissipation
0.9
W
DC Electrical
Photodiode voltage
+8
+10
+15
V
Amplifier voltage
+7.6
+8
+8.5
V
Mechanical
Package type
8-pin butterfly with SMA or GPO
Operating temperature
0
+70
°C
Storage temperature
-50
+85
°C
1 Output is DC coupled
2 10 -10 BER, PRBS 223-1
Eye pattern taken at 10 Gb/s data rate
with -7 dBm optical input power.


Similar Part No. - PT-10A

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
logo
Vishay Siliconix
PT-10 VISHAY-PT-10 Datasheet
106Kb / 4P
   Transformers Pulse, Trigger Type
Revision: 29-Nov-07
logo
Sensata Technologies, I...
PT-100 SENSATA-PT-100 Datasheet
148Kb / 3P
   MAXIMIZE ENERGY HARVEST AND IMPROVE BATTERY LIFE
logo
Vishay Siliconix
PT-100-01 VISHAY-PT-100-01 Datasheet
144Kb / 5P
   Transformers Pulse, Trigger Type
Revision: 10-Aug-06
PT-100-012 VISHAY-PT-100-012 Datasheet
144Kb / 5P
   Transformers Pulse, Trigger Type
Revision: 10-Aug-06
More results

Similar Description - PT-10A

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PT-12A ADVANCEDPHOTONIX-PT-12A Datasheet
175Kb / 2P
   A -18 dBm sensitivity, single-output receiver module
PT-15SFA ADVANCEDPHOTONIX-PT-15SFA Datasheet
299Kb / 2P
   A -16 dBm sensitivity, differential-output receiver module
PT-10E ADVANCEDPHOTONIX-PT-10E Datasheet
57Kb / 2P
   A -20 dBm sensitivity receiver module
PA-10A ADVANCEDPHOTONIX-PA-10A Datasheet
174Kb / 2P
   A -18 dBm sensitivity receiver module
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
PT-10B ADVANCEDPHOTONIX-PT-10B Datasheet
147Kb / 2P
   A single-output receiver module
logo
List of Unclassifed Man...
RWS-371-3 ETC2-RWS-371-3 Datasheet
262Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-3 ETC2-RWS-375-3 Datasheet
263Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-4 ETC2-RWS-375-4 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-6 ETC2-RWS-375-6 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com