Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-12A8SMA Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part # PT-12A8SMA
Description  A -18 dBm sensitivity, single-output receiver module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

PT-12A8SMA Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  PT-12A8SMA Datasheet HTML 1Page - Advanced Photonix, Inc. PT-12A8SMA Datasheet HTML 2Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
True DC Output Option
The PT-12A is available with optional dual power supplies, which
enables adjustment and/or stabilization of the DC output to enable
accurate extinction ratio measurements.
Eye pattern taken at 12.5 Gb/s data rate
with -10 dBm optical input power.
PT-12A
Product Bulletin (Preliminary) • January 2005
• PIN/TIA receiver
• High data rate, up to 12.5 Gb/s
• High sensitivity, -20 dBm
• 1200–1650 nm wavelength range
• Compact 8-pin butterfly package
• SMA or GPO output connector
The PT-12A is a -18 dBm sensitivity,
single-output receiver module for OC-192/
STM-64 with FEC transmission system
receive applications including NRZ with
Super FEC up to 12.5 Gb/s. It couples a
high responsivity (1.0 A/W), back-
illuminated PIN photodiode, usable from
1200 nm to 1650 nm, with an internal
transimpedance gain stage of 475 V/A.
This combination produces a receiver with
a 10 GHz band-width and a conversion
gain of 475 V/W.
The single-coaxial output module is
available with either an SMA or GPO
output connector in a compact, 8-pin
butterfly package with single-mode fiber
input. The receiver meets Telcordia
GR-468 qualification standards.
Specifications
Minimum
Typical
Maximum
Units
Wavelength range
1200
1650
nm
Bandwidth (-3dB electrical)
9
10
GHz
Low frequency cutoff1
DC
kHz
Sensitivity2
-20
-18
dBm
Overload
0
dBm
Group Delay (1 to 10 GHz)
25
40
ps
Responsivity @ 1550 nm
0.8
1.0
A/W
Conversion gain
400
475
V/W
Output Return Loss (0.1 to 8 GHz)
-10
dB
Optical Return Loss
-30
dB
Power dissipation
.22
W
DC Electrical
Photodiode voltage
+5
+8
+12
V
Amplifier voltage (V
POS)
+3.2
+3.3
+3.4
V
Amplifier voltage (V
NEG)
-2.1
-2.0
-1.9
V
Mechanical
Package type
8-pin butterfly with SMA or GPO
Operating temperature
0
+70
°C
Storage temperature
-40
+85
°C
1 Output is DC coupled
2 10-10 BER, PRBS 223-1


Similar Part No. - PT-12A8SMA

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
PT-120-B-L11-EPD LUMINUS-PT-120-B-L11-EPD Datasheet
1Mb / 16P
   Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-B-L11-EPE LUMINUS-PT-120-B-L11-EPE Datasheet
1Mb / 16P
   Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-B-L11-EPF LUMINUS-PT-120-B-L11-EPF Datasheet
1Mb / 16P
   Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-B-L11-EPG LUMINUS-PT-120-B-L11-EPG Datasheet
1Mb / 16P
   Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-G-L11-MPK LUMINUS-PT-120-G-L11-MPK Datasheet
1Mb / 16P
   Luminus LED Thermally Enhanced LED Projection Chipset
More results

Similar Description - PT-12A8SMA

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PA-10A ADVANCEDPHOTONIX-PA-10A Datasheet
174Kb / 2P
   A -18 dBm sensitivity receiver module
PT-10A ADVANCEDPHOTONIX-PT-10A Datasheet
148Kb / 2P
   A -19 dBm sensitivity, single-output receiver module
PT-15SFA ADVANCEDPHOTONIX-PT-15SFA Datasheet
299Kb / 2P
   A -16 dBm sensitivity, differential-output receiver module
PT-10E ADVANCEDPHOTONIX-PT-10E Datasheet
57Kb / 2P
   A -20 dBm sensitivity receiver module
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
PT-10B ADVANCEDPHOTONIX-PT-10B Datasheet
147Kb / 2P
   A single-output receiver module
logo
Agere Systems
R192P AGERE-R192P Datasheet
89Kb / 8P
   R192P OC-192/STM-64 Lightwave Receiver with Improved Sensitivity (-18 dBm)
logo
List of Unclassifed Man...
RWS-371-3 ETC2-RWS-371-3 Datasheet
262Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-3 ETC2-RWS-375-3 Datasheet
263Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-4 ETC2-RWS-375-4 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com