Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL1206JR51-XX-TR70 Datasheet(PDF) 6 Page - TAITRON Components Incorporated

Part # RL1206JR51-XX-TR70
Description  Thick Film Chip Resistor Low Ohmic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RL1206JR51-XX-TR70 Datasheet(HTML) 6 Page - TAITRON Components Incorporated

  RL1206JR51-XX-TR70 Datasheet HTML 1Page - TAITRON Components Incorporated RL1206JR51-XX-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated RL1206JR51-XX-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated RL1206JR51-XX-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated RL1206JR51-XX-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated RL1206JR51-XX-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated RL1206JR51-XX-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated RL1206JR51-XX-TR70 Datasheet HTML 8Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Rev. A/AH 2008-06-04
Thick Film Chip Resistor – Low Ohmic
RL1206J Series
www.taitroncomponents.com
Page 6 of 8
1206(inch): 3.2×1.6(mm)
cross to 3216 (mm)
Resistance Value Code (in Ohm)
Letter R signifies a decimal point
RL: Chip Resistor – Low Ohmic
Factory Location Code
Resistance Tolerance J: ±5%;
Packing Code
TR70: Tape and Reel, 7”reel, RoHS
BL: Bulk, RoHS
How to Order
RL 1206 J R51 - xx - TR70


Similar Part No. - RL1206JR51-XX-TR70

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL1206JR-070R105L YAGEO-RL1206JR-070R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1206JR-070R12L YAGEO-RL1206JR-070R12L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1206JR-070R1L YAGEO-RL1206JR-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1206JR-07100RL YAGEO-RL1206JR-07100RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1206JR-0710RL YAGEO-RL1206JR-0710RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL1206JR51-XX-TR70

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RL1210J TAITRON-RL1210J Datasheet
452Kb / 8P
   Thick Film Chip Resistor Low Ohmic
RL2512J TAITRON-RL2512J Datasheet
451Kb / 8P
   Thick Film Chip Resistor Low Ohmic
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR03 ROHM-MCR03_2 Datasheet
70Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_11 Datasheet
132Kb / 4P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com