Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP30J Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # RGP30J
Description  3.0A Sintered Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGP30J Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  RGP30J Datasheet HTML 1Page - TAITRON Components Incorporated RGP30J Datasheet HTML 2Page - TAITRON Components Incorporated RGP30J Datasheet HTML 3Page - TAITRON Components Incorporated RGP30J Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
RGP30A – RGP30M
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766
(661)-257-6060
Fax:
(800)-TAITFAX
(800)-824-8329 (661)-257-6415
3.0A Sintered Glass Passivated
Fast Recovery Rectifier
3.0A Sintered Glass Passivated Fast Recovery Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Capable of meeting environmental standards of MIL-S-19500
• For use in high frequence rectifier circuits
• Fast switching for high efficiency
• Typical IR less than 0.1uA
• High temperature soldering guaranteed 260°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-201AD molded plastic body
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.004 ounces, 1.12 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
RGP
30A
RGP
30B
RGP
30D
RGP
30G
RGP
30J
RGP
30K
RGP
30M
Unit
Conditions
VRRM
Maximum
Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC
Blocking Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum
Average Forward
Rectified Current
3.0
A
0.375” (9.5mm)
lead length(Fig.1)
IFSM
Peak Forward
Surge Current
125
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
DO-201AD


Similar Part No. - RGP30J

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP30J ZOWIE-RGP30J Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
RGP30J LRC-RGP30J Datasheet
448Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
General Semiconductor
RGP30J GE-RGP30J Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RGP30J WINNERJOIN-RGP30J Datasheet
257Kb / 7P
   Fast Switching Rectifiers
logo
Micro Commercial Compon...
RGP30J MCC-RGP30J Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
More results

Similar Description - RGP30J

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RGF3AB TAITRON-RGF3AB Datasheet
175Kb / 6P
   3.0A Sintered Glass Passivated Fast Recovery Rectifier
EGP30A TAITRON-EGP30A Datasheet
146Kb / 4P
   3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
UGF3AB TAITRON-UGF3AB Datasheet
148Kb / 4P
   3.0A Sintered Glass Passivated Ultra Fast Rectifier
EGF3AB TAITRON-EGF3AB Datasheet
145Kb / 5P
   3.0A Sintered Glass Passivated Super Fast Rectifier
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
   3.0A Sintered Glass Passivated Rectifier
logo
Comchip Technology
CFPA10MM COMCHIP-CFPA10MM Datasheet
69Kb / 2P
   Glass Passivated Sintered Fast Recovery Rectifier
CFPA10MD COMCHIP-CFPA10MD Datasheet
69Kb / 2P
   Glass Passivated Sintered Fast Recovery Rectifier
logo
Diodes Incorporated
PR3001G DIODES-PR3001G Datasheet
61Kb / 2P
   3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27003 Rev. D-2
logo
TAITRON Components Inco...
TF301G TAITRON-TF301G Datasheet
128Kb / 4P
   3.0A Glass Passivated Fast Recovery Rectifier
logo
Diodes Incorporated
PR3001G DIODES-PR3001G_1 Datasheet
366Kb / 3P
   3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27003 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com