Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP20M Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # RGP20M
Description  2.0A Sintered Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGP20M Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  RGP20M Datasheet HTML 1Page - TAITRON Components Incorporated RGP20M Datasheet HTML 2Page - TAITRON Components Incorporated RGP20M Datasheet HTML 3Page - TAITRON Components Incorporated RGP20M Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.0A Sintered Glass Passivated Fast Recovery Rectifier
Rev. A/DX 2007-06-04
RGP20A – RGP20M
www.taitroncomponents.com
Page 4 of 4
Dimensions in inches (mm)
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931
DO-15
(DO-204AC)


Similar Part No. - RGP20M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP20M ZOWIE-RGP20M Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
RGP20M MCC-RGP20M Datasheet
83Kb / 3P
   2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
RGP20M TSC-RGP20M Datasheet
72Kb / 2P
   2.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
logo
Shanghai Lunsure Electr...
RGP20M CHENYI-RGP20M Datasheet
51Kb / 3P
   2.0Amp glass passivated juntion fast recovery rectifiers 50to1000 volts
logo
Jinan Jingheng (Group) ...
RGP20M JINANJINGHENG-RGP20M Datasheet
105Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - RGP20M

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RGF2A TAITRON-RGF2A Datasheet
177Kb / 6P
   2.0A Sintered Glass Passivated Fast Recovery Rectifier
UGP20A TAITRON-UGP20A Datasheet
191Kb / 4P
   2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
EGP20A TAITRON-EGP20A Datasheet
139Kb / 4P
   2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
EGF2A TAITRON-EGF2A Datasheet
144Kb / 5P
   2.0A Sintered Glass Passivated Super Fast Rectifier
UGF2A TAITRON-UGF2A Datasheet
147Kb / 4P
   2.0A Sintered Glass Passivated Ultra Fast Rectifier
GP20A TAITRON-GP20A Datasheet
132Kb / 4P
   2.0A Sintered Glass Passivated Rectifier
logo
Comchip Technology
CFPA10MM COMCHIP-CFPA10MM Datasheet
69Kb / 2P
   Glass Passivated Sintered Fast Recovery Rectifier
CFPA10MD COMCHIP-CFPA10MD Datasheet
69Kb / 2P
   Glass Passivated Sintered Fast Recovery Rectifier
logo
Diodes Incorporated
PR2001G DIODES-PR2001G_1 Datasheet
373Kb / 3P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
logo
TAITRON Components Inco...
TF201G TAITRON-TF201G Datasheet
126Kb / 4P
   2.0A Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com