Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDMG15008-03A Datasheet(PDF) 1 Page - CUI INC

Part # CDMG15008-03A
Description  micro dynamic speaker
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CDMG15008-03A Datasheet(HTML) 1 Page - CUI INC

  CDMG15008-03A Datasheet HTML 1Page - CUI INC CDMG15008-03A Datasheet HTML 2Page - CUI INC CDMG15008-03A Datasheet HTML 3Page - CUI INC CDMG15008-03A Datasheet HTML 4Page - CUI INC CDMG15008-03A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part No: CDMG15008-03A
Description: micro dynamic speaker
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 12/06/2006
Unit: mm
Page No: 1 of 5
Specifications
Dimensions
ø15.0 x 2.8 mm
Impedance
8 Ohm ± 15%
at
1.5 KHz 1 V
Resonant frequency
900 Hz ± 20%
at
1 V
Sound pressure level
92 dB/w ± 3 dB
0.3 w 10 cm at 1.0K, 1.2K, 1.5K, 2.0K Hz
88 dB/w ± 3 dB
0.1 w 0.1m at 1.0K, 1.2K, 1.5K, 2.0K Hz
Response
Fo Hz ~ 20 KHz max.
Distortion
10% max.
at 1.5 KHz 0.3W
Input power
Nominal
0.3 W
Handling capacity
0.5 W
Operation
must be normal at program source 0.3 W
Buzz, rattle, etc.
must be normal at sine wave 1.55 V
Operating temp.
-20 ~ +85°C
Weight
1.2 g
Material
Metal
RoHS
yes
Mechanical Drawing
Tolerance: ±0.2
The mylar will not exceed the metal frame
when input is at the maximum power of 0.5W.


Similar Part No. - CDMG15008-03A

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CDMG15008-03A CUID-CDMG15008-03A Datasheet
649Kb / 4P
   SPEAKER
08/05/2022
More results

Similar Description - CDMG15008-03A

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDMG15008-03 CUI-CDMG15008-03 Datasheet
171Kb / 6P
   Micro Dynamic Speaker
CDMG13008L-02 CUI-CDMG13008L-02 Datasheet
498Kb / 6P
   micro dynamic speaker
CDMG16008-03 CUI-CDMG16008-03 Datasheet
428Kb / 6P
   micro dynamic speaker
logo
Soberton Inc.
SP-1704 SOBERTON-SP-1704 Datasheet
284Kb / 5P
   Dynamic Speaker
SP-1810 SOBERTON-SP-1810 Datasheet
291Kb / 5P
   Dynamic Speaker
SP-7140-1 SOBERTON-SP-7140-1 Datasheet
561Kb / 6P
   Dynamic Speaker
SP-1504 SOBERTON-SP-1504 Datasheet
374Kb / 5P
   Dynamic Speaker
SP-1511S-4 SOBERTON-SP-1511S-4 Datasheet
346Kb / 5P
   Dynamic Speaker
SP-2805 SOBERTON-SP-2805 Datasheet
293Kb / 5P
   Dynamic Speaker
SP-1605 SOBERTON-SP-1605 Datasheet
215Kb / 5P
   Dynamic Speaker
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com