Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4105R Datasheet(PDF) 2 Page - Fox Electronics

Part # F4105R
Description  3.3V, HCMOS, SMD Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4105R Datasheet(HTML) 2 Page - Fox Electronics

  F4105R Datasheet HTML 1Page - Fox Electronics F4105R Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
3.3V, HcMOS, SMD Oscillator
Rev. 2/26/2008
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F4100 SERiES
Page 3 of 3
• TAPE SPEciFicATiOnS (millimeters)
MODEl
F4100 Series
A
∅1.5
b
4.0
c
8.0
D
7.5
E
16.0
F
2.15
STD Reel QTY
2,000
• REEl SPEciFicATiOnS (millimeters)
G
2.0
H
∅13
i
∅21
J
∅80
K
∅255
l
17.5
M
2.0
MODEl
F4100 Series


Similar Part No. - F4105R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4105R FOX-F4105R Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
More results

Similar Description - F4105R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
F4100-500 FOX-F4100-500 Datasheet
308Kb / 2P
   3.3V, HCMOS, SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
   3.3V. HCMOS, SMD Oscillator
F537 FOX-F537 Datasheet
214Kb / 2P
   HCMOS 5x3.2mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F537F539 FOX-F537F539 Datasheet
196Kb / 2P
   HCMOS 5x3.2mm 3.3V SMD Oscillator
FK335 FOX-FK335 Datasheet
80Kb / 1P
   HCMOS 3.3V 32.768kHz SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F530LA FOX-F530LA Datasheet
189Kb / 2P
   HCMOS 5x3.2mm 3.3V SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com