Electronic Components Datasheet Search |
|
E13J1D1B-155.520M Datasheet(PDF) 4 Page - Ecliptek Corporation |
|
E13J1D1B-155.520M Datasheet(HTML) 4 Page - Ecliptek Corporation |
4 / 5 page MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE ECLIPTEK CORP. OSCILLATOR E13J1 4-PCB-J 3.3V OS69 01/03 E13J1 Series H 5.9 L 14.8 W 10.2 OSCILLATOR E13J1 NOTES __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ ELECTRICAL SPECIFICATIONS 19.440MHz to 250.000MHz 0°C to 70°C -40°C to 85°C -55°C to 125°C 3.3V DC ±5% 75mA Maximum 100KH ±100ppm, ±50ppm, ±25ppm, or ±20ppm Maximum V CC-1.025VDC Minimum V CC-1.620VDC Maximum 2 nSeconds Maximum 50 ±10(%) 50 ±5(%) 50 Ohms into V CC-2.0VDC No Connect, Enable/Disable, or Complementary Output Enables Output Enables Output Disable Output: Logic Low 10 mSeconds Maximum 1 pSec Maximum Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage (V CC) Input Current Logic Type Frequency Tolerance / Stability Output Voltage Logic High (V OH) Output Voltage Logic Low (V OL) Rise Time / Fall Time Duty Cycle Load Drive Capability Logic Control / Additional Output Enable/Disable Input Voltage Start Up Time RMS Phase Jitter Available at Frequencies < 212.500MHz Inclusive of all conditions: Calibration Tolerance at 25°C, Frequency Stability over the Operating Temperature Range, Supply Voltage Change, Output Load Change, Aging, Shock, and Vibration 20% to 80% of waveform at 50% of waveform V IL of VCC-1.475VDC Maximum No Connection V IH of VCC-1.165VDC Minimum FJ = 12kHz to 20MHz 800-ECLIPTEK www.ecliptek.com for latest revision 164 Specifications subject to change without notice. • PECL Output Oscillators • 3.3V supply voltage • 4 pad PCB SMD package with J-leads • Stability to 20ppm • Output Enable/Disable available • Complementary Output available • Available on Tape and Reel OBSOLETE |
Similar Part No. - E13J1D1B-155.520M |
|
Similar Description - E13J1D1B-155.520M |