Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGF2B Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # RGF2B
Description  2.0A Sintered Glass Passivated Fast Recovery Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGF2B Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  RGF2B Datasheet HTML 1Page - TAITRON Components Incorporated RGF2B Datasheet HTML 2Page - TAITRON Components Incorporated RGF2B Datasheet HTML 3Page - TAITRON Components Incorporated RGF2B Datasheet HTML 4Page - TAITRON Components Incorporated RGF2B Datasheet HTML 5Page - TAITRON Components Incorporated RGF2B Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. B/AH 2008-01-16
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
RGF2A – RGF2MA
2.0A Sintered Glass Passivated
Fast Recovery Rectifier
2.0A Sintered Glass Passivated Fast Recovery Rectifier
Features
• Fast switching for high efficiency
• Ideal for surface mount automated applications
• High temperature soldering guaranteed: 260°C/10 seconds,
at terminals
• Plastic package has UL Flammability Classification 94V-0
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-214AA (SMB) molded plastic over passivated chip
Terminals:
Tin plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Mounting Position:
Any
Weight:
0.003 ounes,0.093 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless otherwise noted)
Symbol
Description
RGF
2A
RGF
2B
RGF
2D
RGF
2G
RGF
2J
RGF
2JA
RGF
2K
RGF
2KA
RGF
2M
RGF
2MA
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
600
800
800
1000
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
420
560
560
700
700
V
VDC
Max. DC Blocking
Voltage
50
100
200
400
600
600
800
800
1000
1000
V
VF
Max. Forward Voltage
1.3
V
IF(AV)=2.0A
IF(AV)
Max. Average Forward
Rectified Current
2.0
A
TL=100°C
IR(AV)
Max. Full Load Reverse
Current
100
µA
TA=55°C
IFSM
Peak Forward Surge
Current
65
A
Note 1
5
TA=25°C
30
TA=125°C
IR
Reverse Current
@ VR = VRRM
100
µA
TA=150°C
Trr
Max. Reverse Recovery
Time
150
250
150
500
300
500
300
nS
IF=0.5A,
IR=1.0A,
Irr=0.25A.
SMB


Similar Part No. - RGF2B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RGF2B SUNMATE-RGF2B Datasheet
500Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - RGF2B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RGP20A TAITRON-RGP20A Datasheet
133Kb / 4P
   2.0A Sintered Glass Passivated Fast Recovery Rectifier
UGP20A TAITRON-UGP20A Datasheet
191Kb / 4P
   2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
EGP20A TAITRON-EGP20A Datasheet
139Kb / 4P
   2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
EGF2A TAITRON-EGF2A Datasheet
144Kb / 5P
   2.0A Sintered Glass Passivated Super Fast Rectifier
UGF2A TAITRON-UGF2A Datasheet
147Kb / 4P
   2.0A Sintered Glass Passivated Ultra Fast Rectifier
GP20A TAITRON-GP20A Datasheet
132Kb / 4P
   2.0A Sintered Glass Passivated Rectifier
logo
Comchip Technology
CFPA10MM COMCHIP-CFPA10MM Datasheet
69Kb / 2P
   Glass Passivated Sintered Fast Recovery Rectifier
CFPA10MD COMCHIP-CFPA10MD Datasheet
69Kb / 2P
   Glass Passivated Sintered Fast Recovery Rectifier
logo
Diodes Incorporated
PR2001G DIODES-PR2001G_1 Datasheet
373Kb / 3P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
logo
TAITRON Components Inco...
TF201G TAITRON-TF201G Datasheet
126Kb / 4P
   2.0A Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com