Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RGF1A Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part No. RGF1A
Description  1.0A Sintered Glass Passivated Fast Recovery Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGF1A Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  RGF1A Datasheet HTML 1Page - TAITRON Components Incorporated RGF1A Datasheet HTML 2Page - TAITRON Components Incorporated RGF1A Datasheet HTML 3Page - TAITRON Components Incorporated RGF1A Datasheet HTML 4Page - TAITRON Components Incorporated RGF1A Datasheet HTML 5Page - TAITRON Components Incorporated RGF1A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. B/AH 2008-01-16
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
RGF1A – RGF1MA
1.0A Sintered Glass Passivated
Fast Recovery Rectifier
1.0A Sintered Glass Passivated Fast Recovery Rectifier
Features
• Fast switching for high efficiency
• Ideal for surface mount automated applications
• High temperature soldering guaranteed: 260°C/10 seconds,
at terminals
• Plastic package has UL Flammability Classification 94V-0
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-214AC(SMA) molded plastic over passivated chip
Terminals:
Tin plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Mounting Position:
Any
Weight:
0.002 ounes,0.064 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless otherwise noted)
Symbol
Description
RGF
1A
RGF
1B
RGF
1D
RGF
1G
RGF
1J
RGF
1JA
RGF
1K
RGF
1KA
RGF
1M
RGF
1MA
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
600
800
800
1000
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
420
560
560
700
700
V
VDC
Max. DC Blocking
Voltage
50
100
200
400
600
600
800
800
1000
1000
V
VF
Max. Forward Voltage
1.3
V
IF(AV)=1.0A
IF(AV)
Max. Average Forward
Rectified Current
1.0
A
TL=100°C
IR(AV)
Max. Full Load
Reverse Current
100
µA
TA=55°C
IFSM
Peak Forward Surge
Current
30
A
Note 1
5
TA=25°C
30
TA=125°C
IR
Reverse Current
@ VR = VRRM
50
µA
TA=150°C
Trr
Max. Reverse
Recovery Time
150
250
150
500
300
500
300
nS
IF=0.5A,
IR=1.0A,
Irr=0.25A.
SMA


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MUR1301.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
MURS1401.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 5 TAITRON Components Incorporated
UGP10A1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
EGP10A1.0A Sintered Glass Passivated Super Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
PR1001G_11.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
1N4933G_11.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
MLL49331.0A Glass Passivated Fast Recovery Rectifier 1 2 3 TAITRON Components Incorporated
MUR4404.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
UGF1A1.0A Sintered Glass Passivated Ultra Fast Rectifier 1 2 3 4 TAITRON Components Incorporated
EGF1A1.0A Sintered Glass Passivated Super Fast Rectifier 1 2 3 4 TAITRON Components Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn