Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RGF1A Datasheet(PDF) 6 Page - TAITRON Components Incorporated

Part No. RGF1A
Description  1.0A Sintered Glass Passivated Fast Recovery Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGF1A Datasheet(HTML) 6 Page - TAITRON Components Incorporated

  RGF1A Datasheet HTML 1Page - TAITRON Components Incorporated RGF1A Datasheet HTML 2Page - TAITRON Components Incorporated RGF1A Datasheet HTML 3Page - TAITRON Components Incorporated RGF1A Datasheet HTML 4Page - TAITRON Components Incorporated RGF1A Datasheet HTML 5Page - TAITRON Components Incorporated RGF1A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev. B/AH 2008-01-16
www.taitroncomponents.com
Page 6 of 6
RGF1A – RGF1MA
1.0A Sintered Glass Passivated Fast Recovery Rectifier
Packing Quantity Information:
Quantity
PCS per Reel
PCS per Inner Box
PCS per Carton
-TR70 Tape & Reel
1500
6000
36000
- TR30 Tape & Reel
6500
13000
65000
Carton Size Information:
Cartoon Size (TR70)
Cartoon Size (TR30)
400X207X240( in mm)
360X360X240( in mm)
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MUR1301.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
MURS1401.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 5 TAITRON Components Incorporated
UGP10A1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
EGP10A1.0A Sintered Glass Passivated Super Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
PR1001G_11.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
1N4933G_11.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
MLL49331.0A Glass Passivated Fast Recovery Rectifier 1 2 3 TAITRON Components Incorporated
MUR4404.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
UGF1A1.0A Sintered Glass Passivated Ultra Fast Rectifier 1 2 3 4 TAITRON Components Incorporated
EGF1A1.0A Sintered Glass Passivated Super Fast Rectifier 1 2 3 4 TAITRON Components Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn