Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RGF1A Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part No. RGF1A
Description  1.0A Sintered Glass Passivated Fast Recovery Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGF1A Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  RGF1A Datasheet HTML 1Page - TAITRON Components Incorporated RGF1A Datasheet HTML 2Page - TAITRON Components Incorporated RGF1A Datasheet HTML 3Page - TAITRON Components Incorporated RGF1A Datasheet HTML 4Page - TAITRON Components Incorporated RGF1A Datasheet HTML 5Page - TAITRON Components Incorporated RGF1A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev. B/AH 2008-01-16
www.taitroncomponents.com
Page 5 of 6
RGF1A – RGF1MA
1.0A Sintered Glass Passivated Fast Recovery Rectifier
Packing Information:
Carrier Tape Dimensions (in mm)
Reel Dimensions (in mm)
Components
Outline
A0
B0
D
E
F
K0
B1
See note 1
See note 1
1.5±0.1
1.75±0.1
5.50±0.05
See note 1
8.20max.
P
P0
P2
T max.
W
T2
D1
SMA
4.00±0.10
4.0±0.10
2.0±0.1
0.40
12.00±3.00
2.54±0.10
1.5min.
A
B
C
w
T
330 ± 2.0(TR30)
178 ± 2.0(TR70)
50min.
13.0±0.5
18.7max.
14.4max.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MUR1301.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
MURS1401.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 5 TAITRON Components Incorporated
UGP10A1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
EGP10A1.0A Sintered Glass Passivated Super Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
PR1001G_11.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
1N4933G_11.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
MLL49331.0A Glass Passivated Fast Recovery Rectifier 1 2 3 TAITRON Components Incorporated
MUR4404.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier 1 2 3 4 TAITRON Components Incorporated
UGF1A1.0A Sintered Glass Passivated Ultra Fast Rectifier 1 2 3 4 TAITRON Components Incorporated
EGF1A1.0A Sintered Glass Passivated Super Fast Rectifier 1 2 3 4 TAITRON Components Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn