Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOX781 Datasheet(PDF) 1 Page - Fox Electronics

Part # FOX781
Description  5.0V THRU-HOLE TCXO/VCTCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX781 Datasheet(HTML) 1 Page - Fox Electronics

  FOX781 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FOX Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239) 693.0099 FAX +1 (239) 693.1554 http://www.foxonline.com
EMEA United Kingdom Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 FAX +852.2854.4282
© 2006 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• 5.0V Operation
• Clipped Sine Output
• Adjustable Frequency
• 14-Pin DIP
5.0V THRU-HOLE TCXO/VCTCXO
MODEL: FOX781 SERIES
OPTIONS
• VCTCXO - FOX781C
• Higher Frequencies
• 3.0V Operation
All dimensions are in millimeters.
Learn more about:
Part Marking Identification
Internet required
1 Higher frequencies are possible on an individual inquiry basis.
2 For proper operation, a control voltage (V
c) must be applied to pin 1 on VCTCXO's.
3 Other stabilities and temperature ranges available. Contact Fox Engineering for details
VCTCXO version (FOX781C) available on an individual inquiry basis to custom customer
specifications.
All specifications subject to change without notice. Rev. 6/1/04
8.000 ~ 20.0001 MHz
±1.0PPM
±2.5PPM
±0.2PPM
±0.2PPM
-20ºC ~ +75ºC
-40ºC ~ +80ºC
5V ±5%
1.0V Min
2.0mA
10K
Ω // 10pF
±1.0PPM
±3.0PPM Min
PARAMETERS
Frequency Range
(Fo)
Initial Frequency Tolerance @ 25ºC Vc=2.5V
Frequency Stability
Over Temperature Range
Over Supply Voltage Change (5.0V ± 5%)
Over Load Change (10KΩ ± 10% // 10pF 10%)
Temperature Range
Operating
(Topr)
Storage
(Tstg)
Supply Voltage
(Vdd)
Output Waveform
(Clipped Sine)
Peak-to-Peak Level (Vp-p)
Input Current
(Idd)
Output Load
Aging @ 25ºC; per year
Frequency Adjustment (Internal Trimmer)
Pullability
(Vc
= 2.5±2.0V)2
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
Frequency
Stability
Operating
Temperature (ºC)
-20 ~ +75
-20 ~ +75
Frequency
Range (MHz)
8.000 ~ 20.0001
8.000 ~ 20.0001
FOX781B
FOX781C
Model
Number
Part Number
242-Frequency-xxxxx
243-Frequency-xxxxx
• PART NUMBER SELECTION Learn More - Internet Required
see table
see table


Similar Part No. - FOX781

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX782 FOX-FOX782 Datasheet
85Kb / 1P
   5.0V THRU-HOLE TCXO/VCTCXO
FOX782C FOX-FOX782C Datasheet
85Kb / 1P
   5.0V THRU-HOLE TCXO/VCTCXO
FOX783 FOX-FOX783 Datasheet
78Kb / 1P
   3.3V THRU-HOLE VCTCXO
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
More results

Similar Description - FOX781

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX782 FOX-FOX782 Datasheet
85Kb / 1P
   5.0V THRU-HOLE TCXO/VCTCXO
FOX783 FOX-FOX783 Datasheet
78Kb / 1P
   3.3V THRU-HOLE VCTCXO
logo
AiT Semiconductor Inc.
KTD AITSEMI-KTD Datasheet
233Kb / 1P
   THRU-HOLE TCXO
logo
Fox Electronics
VCXO-CLF FOX-VCXO-CLF Datasheet
145Kb / 1P
   5.0V, HCMOS, Thru-Hole VCXO
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TF5B-019.2M CONNOR-WINFIELD-TF5B-019.2M Datasheet
205Kb / 2P
   Ultra Precise TCXO/VCTCXO
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
TV504-019.2M CONNOR-WINFIELD-TV504-019.2M Datasheet
169Kb / 4P
   Telecom Performance TCXO / VCTCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com