Electronic Components Datasheet Search |
|
E13C9C2J-155.520M Datasheet(PDF) 3 Page - Ecliptek Corporation |
|
E13C9C2J-155.520M Datasheet(HTML) 3 Page - Ecliptek Corporation |
3 / 3 page Line 1: ECLIPTEK Line 2: XX.XXX M Frequency in MHz (5 Digits Maximum + Decimal) Line 3: XX Y ZZ Week of Year Last Digit of Year Ecliptek Manufacturing Identifier MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE ECLIPTEK CORP. OSCILLATOR E13C9 CERAMIC 3.3V OS1T 06/04 MECHANICAL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS ENVIRONMENTAL/MECHANICAL SPECIFICATIONS MARKING SPECIFICATIONS TAPE AND REEL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS SUGGESTED SOLDER PAD LAYOUT ALL DIMENSIONS IN MILLIMETERS 800-ECLIPTEK www.ecliptek.com for latest revision Specifications subject to change without notice. E13C9 E 2 F - 155.520M TR PART NUMBERING GUIDE AVAILABLE OPTIONS Blank=Tubes TR=Tape and Reel (Standard) FREQUENCY LOGIC CONTROL/ADDITIONAL OUTPUT C=No Connect and Complementary Output F=Tri-State (Enable High) on Pad 1 and Complementary Output H=Tri-State (Enable High) on Pad 2 and Complementary Output J=Tri-State (Enable Low) on Pad 1 and Complementary Output K=Tri-State (Enable Low) on Pad 2 and Complementary Output FREQUENCY TOLERANCE & STABILITY/ OPERATING TEMPERATURE RANGE C=±100ppm Maximum over 0°C to +70°C D=±50ppm Maximum over 0°C to +70°C E=±25ppm Maximum over 0°C to +70°C G=±100ppm Maximum over -40°C to +85°C H=±50ppm Maximum over -40°C to +85°C J=±25ppm Maximum over -40°C to +85°C DUTY CYCLE 1=50% ±10%, 2=50% ±5% A B C D E F 16±.3-.1 7.5±.1 6.75±.1 4 ±.1 2±.1 F G H J K L 8±.1 B0* 1.5 +.1-0 A0* .3 ±.05 K0* TAPE M N O P Q 1.5 MIN 50 MIN 20.2 MIN 13±.2 40 MIN R S T U V QTY/REEL 2.5 MIN 10 MIN 22.4 MAX 360 MAX 16.4+2-0 1,000 REEL *Compliant to EIA 481A Tolerances= +0.1 Characteristic Specification Fine Leak Test MIL-STD-883, Method 1014, Condition A Gross Leak Test MIL-STD-883, Method 1014, Condition C Mechanical Shock MIL-STD-202, Method 213, Condition C Vibration MIL-STD-883, Method 2007, Condition A Solderability MIL-STD-883, Method 2002 Temperature Cycling MIL-STD-883, Method 1010 Resistance to Soldering Heat MIL-STD-202, Method 210 Resistance to Solvents MIL-STD-202, Method 215 Pin 1: Tri-State or No Connect Pin 2: Tri-State or No Connect Pin 3: Case Ground Pin 4: Output Pin 5: Complementary Output Pin 6: Supply Voltage OBSOLETE |
Similar Part No. - E13C9C2J-155.520M |
|
Similar Description - E13C9C2J-155.520M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |