Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE75A Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # P4KE75A
Description  400W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P4KE75A Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  P4KE75A Datasheet HTML 1Page - TAITRON Components Incorporated P4KE75A Datasheet HTML 2Page - TAITRON Components Incorporated P4KE75A Datasheet HTML 3Page - TAITRON Components Incorporated P4KE75A Datasheet HTML 4Page - TAITRON Components Incorporated P4KE75A Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
400W Transient Voltage Suppressor
Rev. C/AH 2008-02-25
P4KE6.8A~440CA
www.taitroncomponents.com
Page 4 of 5
Fig.1- Peak Pulse Power Rating Curve
Pulse Width
td
Fig.2- Pulse Derating Curve
Ambient Temperature TA (°C)
Fig.4- Max. Non-Repetitive Forward Surge Current
Uni-directional only
Number of Cycles at 60Hz
Typical Characteristics Curves
Fig.3- Pulse Waveform
Time
t (ms)
Fig.5- Junction Capacitance
Reverse Voltage (Volt)


Similar Part No. - P4KE75A

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
P4KE75A SY-P4KE75A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4KE75A PANJIT-P4KE75A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P4KE75A SUNMATE-P4KE75A Datasheet
122Kb / 4P
   400W Axial Leaded Transient Voltage Suppressrs
logo
Diotec Semiconductor
P4KE75A DIOTEC-P4KE75A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Zibo Seno Electronic En...
P4KE75A ZSELEC-P4KE75A Datasheet
261Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P4KE75A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com