Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA18CA Datasheet(PDF) 6 Page - TAITRON Components Incorporated

Part # P4SMA18CA
Description  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P4SMA18CA Datasheet(HTML) 6 Page - TAITRON Components Incorporated

  P4SMA18CA Datasheet HTML 1Page - TAITRON Components Incorporated P4SMA18CA Datasheet HTML 2Page - TAITRON Components Incorporated P4SMA18CA Datasheet HTML 3Page - TAITRON Components Incorporated P4SMA18CA Datasheet HTML 4Page - TAITRON Components Incorporated P4SMA18CA Datasheet HTML 5Page - TAITRON Components Incorporated P4SMA18CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
400W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2008-02-25
www.taitroncomponents.com
Page 6 of 6
P4SMA6.8A - P4SMA250CA
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - P4SMA18CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA18CA WTE-P4SMA18CA Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
P4SMA18CA SOCAY-P4SMA18CA Datasheet
580Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
P4SMA18CA TSC-P4SMA18CA Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Littelfuse
P4SMA18CA LITTELFUSE-P4SMA18CA Datasheet
1Mb / 6P
   P4SMA Series
P4SMA18CA LITTELFUSE-P4SMA18CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
More results

Similar Description - P4SMA18CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com