Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE22CA Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # P4KE22CA
Description  400W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P4KE22CA Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  P4KE22CA Datasheet HTML 1Page - TAITRON Components Incorporated P4KE22CA Datasheet HTML 2Page - TAITRON Components Incorporated P4KE22CA Datasheet HTML 3Page - TAITRON Components Incorporated P4KE22CA Datasheet HTML 4Page - TAITRON Components Incorporated P4KE22CA Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
400W Transient Voltage Suppressor
Rev. C/AH 2008-02-25
P4KE6.8A~440CA
www.taitroncomponents.com
Page 3 of 5
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current (note1)
P/N (note3)
Stand-
Off
Voltage
V BR
Max.
Reverse
Leakage
Current
@
V WM
Max.
Clamping
Voltage
@
I PPM
Max.
Peak
Pulse
Current
Uni-Polar
Bi-Polar
V WM
(V)
Min.
Max.
IT
(mA)
ID (
μA)
(note2)
VC (V)
IPPM
(A)
(note1)
Max.
Temperature
coefficient of
V BR
(%/° C)
P4KE56A
P4KE56CA
47.8
53.2
58.8
1.0
1.0
77.0
5.5
0.103
P4KE62A
P4KE62CA
53.0
58.9
65.1
1.0
1.0
85.0
5.0
0.104
P4KE68A
P4KE68CA
58.1
64.6
71.4
1.0
1.0
92.0
4.6
0.104
P4KE75A
P4KE75CA
64.1
71.3
78.8
1.0
1.0
103
4.1
0.105
P4KE82A
P4KE82CA
70.1
77.9
86.1
1.0
1.0
113
3.7
0.105
P4KE91A
P4KE91CA
77.8
86.5
95.5
1.0
1.0
125
3.4
0.106
P4KE100A
P4KE100CA
85.5
95.0
105.0
1.0
1.0
137
3.1
0.106
P4KE110A
P4KE110CA
94.0
105.0
116.0
1.0
1.0
152
2.8
0.107
P4KE120A
P4KE120CA
102.0
114.0
126.0
1.0
1.0
165
2.5
0.107
P4KE130A
P4KE130CA
111.0
124.0
137.0
1.0
1.0
179
2.3
0.107
P4KE150A
P4KE150CA
128.0
143.0
158.0
1.0
1.0
207
2.0
0.108
P4KE160A
P4KE160CA
136.0
152.0
168.0
1.0
1.0
219
1.9
0.108
P4KE170A
P4KE170CA
145.0
162.0
179.0
1.0
1.0
234
1.8
0.108
P4KE180A
P4KE180CA
154.0
171.0
189.0
1.0
1.0
246
1.7
0.108
P4KE200A
P4KE200CA
171.0
190.0
210.0
1.0
1.0
274
1.53
0.108
P4KE220A
P4KE220CA
185.0
209.0
231.0
1.0
1.0
328
1.22
0.108
P4KE250A
P4KE250CA
214.0
237.0
263.0
1.0
1.0
344
1.16
0.110
P4KE300A
P4KE300CA
256.0
285.0
315.0
1.0
1.0
414
0.97
0.110
P4KE350A
P4KE350CA
300.0
332.0
368.0
1.0
1.0
482
0.83
0.110
P4KE400A
P4KE400CA
342.0
380.0
420.0
1.0
1.0
548
0.73
0.110
P4KE440A
P4KE440CA
376.0
418.0
462.0
1.0
1.0
602
0.67
0.110
Note:
1. Surge current waveform per Fig. 3 and derated per Fig. 2
2. For Bi-directional types with VWM of 10 volts and less, the ID limit is doubled.
3. C suffix for Bidirectional use, A suffix for 5% tolerance.


Similar Part No. - P4KE22CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE22CA PANJIT-P4KE22CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
SeCoS Halbleitertechnol...
P4KE22CA SECOS-P4KE22CA Datasheet
334Kb / 3P
   400 Peak Power
logo
Littelfuse
P4KE22CA LITTELFUSE-P4KE22CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
RFE international
P4KE22CA RFE-P4KE22CA Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Shenzhen Luguang Electr...
P4KE22CA LUGUANG-P4KE22CA Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE22CA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com