Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE10CA Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # P6KE10CA
Description  600W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P6KE10CA Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  P6KE10CA Datasheet HTML 1Page - TAITRON Components Incorporated P6KE10CA Datasheet HTML 2Page - TAITRON Components Incorporated P6KE10CA Datasheet HTML 3Page - TAITRON Components Incorporated P6KE10CA Datasheet HTML 4Page - TAITRON Components Incorporated P6KE10CA Datasheet HTML 5Page - TAITRON Components Incorporated P6KE10CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
600W Transient Voltage Suppressor
Rev. C/AH 2008-02-25
P6KE 6.8A~440CA
www.taitroncomponents.com
Page 2 of 6
Notes:
(1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
(2) Mounted on copper pad area of 1.6×1.6" (40×40mm) per Fig. 5.
(3) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@
Test Current (note1)
P/N (note3)
Stand-
Off
Voltage
V BR
Max.
Clampi
ng
Voltage
@
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
V WM
(V)
Min.
Max.
IT(mA)
ID (
μA)
(note2)
VC (V)
IPPM (A)
(note1)
Max.
Temperature
coefficient of
V BR
(%/° C)
P6KE6.8A
P6KE6.8CA
5.8
6.45
7.14
10
1000
10.5
57
0.057
P6KE7.5A
P6KE7.5CA
6.4
7.13
7.88
10
500
11.3
53
0.061
P6KE8.2A
P6KE8.2CA
7.02
7.79
8.61
10
200
12.1
50
0.065
P6KE9.1A
P6KE9.1CA
7.78
8.65
9.55
1.0
50
13.4
45
0.068
P6KE10A
P6KE10CA
8.55
9.5
10.5
1.0
10
14.5
41
0.073
P6KE11A
P6KE11CA
9.4
10.5
11.6
1.0
5.0
15.6
38
0.075
P6KE12A
P6KE12CA
10.2
11.4
12.6
1.0
5.0
16.7
36
0.078
P6KE13A
P6KE13CA
11.1
12.4
13.7
1.0
1.0
18.2
33
0.081
P6KE15A
P6KE15CA
12.8
14.3
15.8
1.0
1.0
21.2
28
0.084
P6KE16A
P6KE16CA
13.6
15.2
16.8
1.0
1.0
22.5
27
0.086
P6KE18A
P6KE18CA
15.3
17.1
18.9
1.0
1.0
25.2
24
0.088
P6KE20A
P6KE20CA
17.1
19.0
21.0
1.0
1.0
27.7
22
0.090
P6KE22A
P6KE22CA
18.8
20.9
23.1
1.0
1.0
30.6
20
0.092
P6KE24A
P6KE24CA
20.5
22.8
25.2
1.0
1.0
33.2
18
0.094
P6KE27A
P6KE27CA
23.1
25.7
28.4
1.0
1.0
37.5
16
0.096
P6KE30A
P6KE30CA
25.6
28.5
31.5
1.0
1.0
41.4
14.4
0.097
P6KE33A
P6KE33CA
28.2
31.4
34.7
1.0
1.0
45.7
13.2
0.098
P6KE36A
P6KE36CA
30.8
34.2
37.8
1.0
1.0
49.9
12
0.099
P6KE39A
P6KE39CA
33.3
37.1
41.0
1.0
1.0
53.9
11.2
0.100
P6KE43A
P6KE43CA
36.8
40.9
45.2
1.0
1.0
59.3
10.1
0.101
P6KE47A
P6KE47CA
40.2
44.7
49.4
1.0
1.0
64.8
9.3
0.101
P6KE51A
P6KE51CA
43.6
48.5
53.6
1.0
1.0
70.1
8.6
0.102


Similar Part No. - P6KE10CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE10CA PANJIT-P6KE10CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P6KE10CA SUNMATE-P6KE10CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Diodes Incorporated
P6KE10CA DIODES-P6KE10CA Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
DONGGUAN YOU FENG WEI E...
P6KE10CA YFWDIODE-P6KE10CA Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Ruilongyuan Electronics...
P6KE10CA RUILON-P6KE10CA Datasheet
895Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P6KE10CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com