Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA75A Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # P4SMA75A
Description  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P4SMA75A Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  P4SMA75A Datasheet HTML 1Page - TAITRON Components Incorporated P4SMA75A Datasheet HTML 2Page - TAITRON Components Incorporated P4SMA75A Datasheet HTML 3Page - TAITRON Components Incorporated P4SMA75A Datasheet HTML 4Page - TAITRON Components Incorporated P4SMA75A Datasheet HTML 5Page - TAITRON Components Incorporated P4SMA75A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
400W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2008-02-25
www.taitroncomponents.com
Page 3 of 6
P4SMA6.8A - P4SMA250CA
Fig.1- Peak Pulse Power Rating Curve
Td - Pulse Width (sec.)
Fig.2- Pulse Derating Curve
Ta - Ambient Temperature (°C)
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current.
Part NO.
Device
Marking
Code
Reverse
Stand-
off
Voltage
V BR
Max.
Clamping
Voltage
@
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM
(V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
ID (
μA)
P4SMA150A
P4SMA150CA
150A
150C
128
143
158
1
207
2.0
1.0
P4SMA160A
P4SMA160CA
160A
160C
136
152
168
1
219
1.9
1.0
P4SMA170A
P4SMA170CA
170A
170C
145
162
179
1
234
1.8
1.0
P4SMA180A
P4SMA180CA
180A
180C
154
171
189
1
246
1.7
1.0
P4SMA200A
P4SMA200CA
200A
200C
171
190
210
1
274
1.5
1.0
P4SMA220A
P4SMA220CA
220A
220C
185
209
231
1
328
1.3
1.0
P4SMA250A
P4SMA250CA
250A
250C
214
237
263
1
344
1.2
1.0
Note:
For bi-directional type having VWM of 10V and less, the ID limit is double.
Typical Characteristics Curves


Similar Part No. - P4SMA75A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA75A WTE-P4SMA75A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Bourns Electronic Solut...
P4SMA75A BOURNS-P4SMA75A Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Silicon Standard Corp.
P4SMA75A SSC-P4SMA75A Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
P4SMA75A LEIDITECH-P4SMA75A Datasheet
1Mb / 7P
   Surface Mount ??400W
logo
Ruilongyuan Electronics...
P4SMA75A RUILON-P4SMA75A Datasheet
878Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4SMA75A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com