Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA56A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # P4SMA56A
Description  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P4SMA56A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  P4SMA56A Datasheet HTML 1Page - TAITRON Components Incorporated P4SMA56A Datasheet HTML 2Page - TAITRON Components Incorporated P4SMA56A Datasheet HTML 3Page - TAITRON Components Incorporated P4SMA56A Datasheet HTML 4Page - TAITRON Components Incorporated P4SMA56A Datasheet HTML 5Page - TAITRON Components Incorporated P4SMA56A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
400W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2008-02-25
www.taitroncomponents.com
Page 2 of 6
P4SMA6.8A - P4SMA250CA
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current.
Part NO.
Device
Marking
Code
Reverse
Stand-
off
Voltage
V BR
Max.
Clamping
Voltage
@
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM
(V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
ID (
μA)
P4SMA6.8A
P4SMA6.8CA
6V8A
6V8C
5.8
6.45
7.14
10.5
39
1000/2000
P4SMA7.5A
P4SMA7.5CA
7V5A
7V5C
6.4
7.13
7.88
11.3
36.3
500/1000
P4SMA8.2A
P4SMA8.2CA
8V2A
8V2C
7.02
7.79
8.61
10
12.1
33.9
200/400
P4SMA9.1A
P4SMA9.1CA
9V1A
9V1C
7.78
8.65
9.55
1
13.4
30.6
50/100
P4SMA10A
P4SMA10CA
10A
10C
8.55
9.5
10.5
1
14.5
28.3
10/20
P4SMA11A
P4SMA11CA
11A
11C
9.4
10.5
11.6
1
15.6
26.3
5/10
P4SMA12A
P4SMA12CA
12A
12C
10.2
11.4
12.6
1
16.7
24.6
5/10
P4SMA13A
P4SMA13CA
13A
13C
11.1
12.4
13.7
1
18.2
22.5
1.0
P4SMA15A
P4SMA15CA
15A
15C
12.8
14.3
15.8
1
21.2
19.3
1.0
P4SMA16A
P4SMA16CA
16A
16C
13.6
15.2
16.8
1
22.5
18.2
1.0
P4SMA18A
P4SMA18CA
18A
18C
15.3
17.1
18.9
1
25.5
16.1
1.0
P4SMA20A
P4SMA20CA
20A
20C
17.1
19.0
21.0
1
27.7
14.8
1.0
P4SMA22A
P4SMA22CA
22A
22C
18.8
20.9
23.1
1
30.6
13.4
1.0
P4SMA24A
P4SMA24CA
24A
24C
20.5
22.8
25.2
1
33.2
12.3
1.0
P4SMA27A
P4SMA27CA
27A
27C
23.1
25.7
28.4
1
37.5
10.9
1.0
P4SMA30A
P4SMA30CA
30A
30C
25.6
28.5
31.5
1
41.4
9.9
1.0
P4SMA33A
P4SMA33CA
33A
33C
28.2
31.4
34.7
1
45.7
9.0
1.0
P4SMA36A
P4SMA36CA
36A
36C
30.8
34.2
37.8
1
49.9
8.2
1.0
P4SMA39A
P4SMA39CA
39A
39C
33.3
37.1
41
1
53.9
7.6
1.0
P4SMA43A
P4SMA43CA
43A
43C
36.8
40.9
45.2
1
59.3
6.9
1.0
P4SMA47A
P4SMA47CA
47A
47C
40.2
44.7
49.4
1
64.8
6.3
1.0
P4SMA51A
P4SMA51CA
51A
51C
43.6
48.5
53.6
1
70.1
5.8
1.0
P4SMA56A
P4SMA56CA
56A
56C
47.8
53.2
58.8
1
77
5.3
1.0
P4SMA62A
P4SMA62CA
62A
62C
53
58.9
65.1
1
85
4.8
1.0
P4SMA68A
P4SMA68CA
68A
68C
58.1
64.6
71.4
1
92
4.5
1.0
P4SMA75A
P4SMA75CA
75A
75C
64.1
71.3
78.8
1
103
4.0
1.0
P4SMA82A
P4SMA82CA
82A
82C
70.1
77.9
86.1
1
113
3.6
1.0
P4SMA91A
P4SMA91CA
91A
91C
77.8
86.5
95.5
1
125
3.3
1.0
P4SMA100A
P4SMA100CA
100A
100C
85.5
95
105
1
137
3.0
1.0
P4SMA110A
P4SMA110CA
110A
110C
94
105
116
1
152
2.7
1.0
P4SMA120A
P4SMA120CA
120A
120C
102
114
126
1
165
2.5
1.0
P4SMA130A
P4SMA130CA
130A
130C
111
124
137
1
179
2.3
1.0


Similar Part No. - P4SMA56A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4SMA56A GOOD-ARK-P4SMA56A Datasheet
692Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
P4SMA56A SEMITECH-P4SMA56A Datasheet
493Kb / 5P
   Low profile package
logo
Littelfuse
P4SMA56A LITTELFUSE-P4SMA56A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
logo
UN Semiconducctor INC
P4SMA56A UNSEMI-P4SMA56A Datasheet
3Mb / 7P
   6.8 To 600V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Cystech Electonics Corp...
P4SMA56A CYSTEKEC-P4SMA56A Datasheet
428Kb / 5P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - P4SMA56A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com