Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FVXO-LC52B Datasheet(PDF) 11 Page - Fox Electronics

Part # FVXO-LC52B
Description  LVDS 5 x 3.2mm 2.5V VCXO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-LC52B Datasheet(HTML) 11 Page - Fox Electronics

Back Button FVXO-LC52B Datasheet HTML 7Page - Fox Electronics FVXO-LC52B Datasheet HTML 8Page - Fox Electronics FVXO-LC52B Datasheet HTML 9Page - Fox Electronics FVXO-LC52B Datasheet HTML 10Page - Fox Electronics FVXO-LC52B Datasheet HTML 11Page - Fox Electronics FVXO-LC52B Datasheet HTML 12Page - Fox Electronics FVXO-LC52B Datasheet HTML 13Page - Fox Electronics FVXO-LC52B Datasheet HTML 14Page - Fox Electronics FVXO-LC52B Datasheet HTML 15Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
FVXO-LC52 Series
Page 11 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
3
rd Party (SGS) Material Report


Similar Part No. - FVXO-LC52B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
FVXO-LC53B FOX-FVXO-LC53B Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
FVXO-LC53BR FOX-FVXO-LC53BR Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
More results

Similar Description - FVXO-LC52B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC52 FOX-FVXO-HC52 Datasheet
342Kb / 15P
   HCMOS 5 x 3.2mm 2.5V VCXO
FVXO-PC52 FOX-FVXO-PC52 Datasheet
348Kb / 15P
   LVPECL 5 x 3.2mm 2.5V VCXO
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
   HCMOS 5 x 3.2mm 3.3V VCXO
FVXO-PC53 FOX-FVXO-PC53 Datasheet
332Kb / 15P
   LVPECL 5 x 3.2mm 3.3V VCXO
logo
EUROQUARTZ limited
EQVP-LC52 EUROQUARTZ-EQVP-LC52 Datasheet
165Kb / 1P
   LVDS 5x3.2mm 2.5V VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com