Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FVXO-LC73B Datasheet(PDF) 4 Page - Fox Electronics

Part # FVXO-LC73B
Description  LVDS 7 x 5mm 3.3V VCXO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-LC73B Datasheet(HTML) 4 Page - Fox Electronics

  FVXO-LC73B Datasheet HTML 1Page - Fox Electronics FVXO-LC73B Datasheet HTML 2Page - Fox Electronics FVXO-LC73B Datasheet HTML 3Page - Fox Electronics FVXO-LC73B Datasheet HTML 4Page - Fox Electronics FVXO-LC73B Datasheet HTML 5Page - Fox Electronics FVXO-LC73B Datasheet HTML 6Page - Fox Electronics FVXO-LC73B Datasheet HTML 7Page - Fox Electronics FVXO-LC73B Datasheet HTML 8Page - Fox Electronics FVXO-LC73B Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FVXO-LC73 Series
Page 4 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Differential Output Voltage
VOD
0.75 MHz to 1.35 GHz
0.6V Typ.
Output Offset Voltage
VOS
1.3V Typ.
Output Symmetry (See Drawing Below)
@ 50% VP-P Level
45% ~ 55%
Output Enable (PIN # 2) Voltage
VIH
> 70% VDD
Output Disable (PIN # 2) Voltage
VIL
< 30% VDD
Cycle Rise Time (See Drawing Below)
TR
0.75 MHz to 1.35 GHz
400 pS (20%~80%)
Cycle Fall Time (See Drawing Below)
TF
0.75 MHz to 1.35 GHz
400 pS (80%~20%)
Ideally, Symmetry should be 50/50 for 1/2 period -- Other expressions are 45/55 or 55/45
OUTPUT 1
OUTPUT 2
50% VP-P
1/2 Period
Period
Oscillator Symmetry
Rise Time / Fall Time Measurements
OUTPUT 1
20% to 80%
OUTPUT 2
TR
TF
1.30V Typ.
50% VP-P
0.6V
Typ.
P-P


Similar Part No. - FVXO-LC73B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO-LC72B FOX-FVXO-LC72B Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO-LC72BR FOX-FVXO-LC72BR Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
More results

Similar Description - FVXO-LC73B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
logo
Fox Electronics
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-LC735RGB-125 FOX-FXO-LC735RGB-125 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
FXO-LC735RGB-156 FOX-FXO-LC735RGB-156 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
FXO-LC735RGB-312 FOX-FXO-LC735RGB-312 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 312.5MHz
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com