Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E13C9E2H-155520MTR Datasheet(PDF) 3 Page - Ecliptek Corporation

Part # E13C9E2H-155520MTR
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E13C9E2H-155520MTR Datasheet(HTML) 3 Page - Ecliptek Corporation

  E13C9E2H-155520MTR Datasheet HTML 1Page - Ecliptek Corporation E13C9E2H-155520MTR Datasheet HTML 2Page - Ecliptek Corporation E13C9E2H-155520MTR Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Line 1: ECLIPTEK
Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
E13C9
CERAMIC
3.3V
OS1T
06/04
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
E13C9 E 2 F - 155.520M TR
PART NUMBERING GUIDE
AVAILABLE OPTIONS
Blank=Tubes
TR=Tape and Reel (Standard)
FREQUENCY
LOGIC CONTROL/ADDITIONAL OUTPUT
C=No Connect and Complementary Output
F=Tri-State (Enable High) on Pad 1 and Complementary Output
H=Tri-State (Enable High) on Pad 2 and Complementary Output
J=Tri-State (Enable Low) on Pad 1 and Complementary Output
K=Tri-State (Enable Low) on Pad 2 and Complementary Output
FREQUENCY TOLERANCE & STABILITY/
OPERATING TEMPERATURE RANGE
C=±100ppm Maximum over 0°C to +70°C
D=±50ppm Maximum over 0°C to +70°C
E=±25ppm Maximum over 0°C to +70°C
G=±100ppm Maximum over -40°C to +85°C
H=±50ppm Maximum over -40°C to +85°C
J=±25ppm Maximum over -40°C to +85°C
DUTY CYCLE
1=50% ±10%, 2=50% ±5%
A
B
C
D
E
F
16±.3-.1
7.5±.1
6.75±.1
4 ±.1
2±.1
F
G
H
J
K
L
8±.1
B0*
1.5 +.1-0
A0*
.3 ±.05
K0*
TAPE
M
N
O
P
Q
1.5 MIN
50 MIN
20.2 MIN
13±.2
40 MIN
R
S
T
U
V
QTY/REEL
2.5 MIN
10 MIN
22.4 MAX
360 MAX
16.4+2-0
1,000
REEL
*Compliant to EIA 481A
Tolerances= +0.1
Characteristic
Specification
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-202, Method 210
Resistance to Solvents
MIL-STD-202, Method 215
Pin 1: Tri-State or No Connect
Pin 2: Tri-State or No Connect
Pin 3: Case Ground
Pin 4: Output
Pin 5: Complementary Output
Pin 6: Supply Voltage
OBSOLETE


Similar Part No. - E13C9E2H-155520MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
E13C1C1A-155.520M ECLIPTEK-E13C1C1A-155.520M Datasheet
951Kb / 13P
   OSCILLATOR
E13C1C1A-155.520MTR ECLIPTEK-E13C1C1A-155.520MTR Datasheet
951Kb / 13P
   OSCILLATOR
E13C1C1B-155.520M ECLIPTEK-E13C1C1B-155.520M Datasheet
951Kb / 13P
   OSCILLATOR
E13C1C1B-155.520MTR ECLIPTEK-E13C1C1B-155.520MTR Datasheet
951Kb / 13P
   OSCILLATOR
E13C1C1C-155.520M ECLIPTEK-E13C1C1C-155.520M Datasheet
951Kb / 13P
   OSCILLATOR
More results

Similar Description - E13C9E2H-155520MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com