Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE10A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # P4KE10A
Description  400W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

P4KE10A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  P4KE10A Datasheet HTML 1Page - TAITRON Components Incorporated P4KE10A Datasheet HTML 2Page - TAITRON Components Incorporated P4KE10A Datasheet HTML 3Page - TAITRON Components Incorporated P4KE10A Datasheet HTML 4Page - TAITRON Components Incorporated P4KE10A Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
400W Transient Voltage Suppressor
Rev. C/AH 2008-02-25
P4KE6.8A~440CA
www.taitroncomponents.com
Page 2 of 5
Notes:
(1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
(2) Mounted on copper pad area of 1.6×1.6" (40×40mm) per Fig. 5.
(3) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current (note1)
P/N (note3)
Stand-
Off
Voltage
V BR
Max.
Reverse
Leakage
Current
@
V WM
Max.
Clamping
Voltage
@
I PPM
Max.
Peak
Pulse
Current
Uni-Polar
Bi-Polar
V WM
(V)
Min.
Max.
IT
(mA)
ID (
μA)
(note2)
VC (V)
IPPM
(A)
(note1)
Max.
Temperature
coefficient of
V BR
(%/° C)
P4KE6.8A
P4KE6.8CA
5.8
6.45
7.14
10
1000
10.5
38.1
0.057
P4KE7.5A
P4KE7.5CA
6.4
7.13
7.88
10
500
11.3
35.4
0.061
P4KE8.2A
P4KE8.2CA
7.02
7.79
8.61
10
200
12.1
33.1
0.065
P4KE9.1A
P4KE9.1CA
7.78
8.65
9.55
1.0
50
13.4
29.9
0.068
P4KE10A
P4KE10CA
8.55
9.5
10.5
1.0
10
14.5
27.6
0.073
P4KE11A
P4KE11CA
9.40
10.5
11.6
1.0
5.0
15.6
25.6
0.075
P4KE12A
P4KE12CA
10.2
11.4
12.6
1.0
5.0
16.7
24.0
0.078
P4KE13A
P4KE13CA
11.1
12.4
13.7
1.0
1.0
18.2
23
0.081
P4KE15A
P4KE15CA
12.8
14.3
15.8
1.0
1.0
21.2
20
0.084
P4KE16A
P4KE16CA
13.6
15.2
16.8
1.0
1.0
22.5
19
0.086
P4KE18A
P4KE18CA
15.3
17.1
18.9
1.0
1.0
25.5
17
0.088
P4KE20A
P4KE20CA
17.1
19.0
21.0
1.0
1.0
27.7
15
0.090
P4KE22A
P4KE22CA
18.8
20.9
23.1
1.0
1.0
30.6
14
0.092
P4KE24A
P4KE24CA
20.5
22.8
25.2
1.0
1.0
33.2
13
0.094
P4KE27A
P4KE27CA
23.1
25.7
28.4
1.0
1.0
37.5
11.2
0.096
P4KE30A
P4KE30CA
25.6
28.5
31.5
1.0
1.0
41.4
10
0.097
P4KE33A
P4KE33CA
28.2
31.4
34.7
1.0
1.0
45.7
9
0.098
P4KE36A
P4KE36CA
30.8
34.2
37.8
1.0
1.0
49.9
8.4
0.099
P4KE39A
P4KE39CA
33.3
37.1
41.0
1.0
1.0
53.9
7.8
0.100
P4KE43A
P4KE43CA
36.8
40.9
45.2
1.0
1.0
59.3
7.1
0.101
P4KE47A
P4KE47CA
40.2
44.7
49.4
1.0
1.0
64.8
6.5
0.101
P4KE51A
P4KE51CA
43.6
48.5
53.6
1.0
1.0
70.1
6.0
0.102


Similar Part No. - P4KE10A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE10A PANJIT-P4KE10A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE10A ZOWIE-P4KE10A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
P4KE10A DIOTECH-P4KE10A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P4KE10A UNSEMI-P4KE10A Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Ruilongyuan Electronics...
P4KE10A RUILON-P4KE10A Datasheet
891Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4KE10A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com