Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1M2CABS-30.000M Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # E1M2CABS-30.000M
Description  CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E1M2CABS-30.000M Datasheet(HTML) 2 Page - Ecliptek Corporation

  E1M2CABS-30.000M Datasheet HTML 1Page - Ecliptek Corporation E1M2CABS-30.000M Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
PARAMETER
SPECIFICATION
ESD Susceptibility
MIL-STD-883, Method 3015, Class 1, HBM: 1500V
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Flammability
UL94-V0
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Lead Integrity
MIL-STD-833, Method 2004
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Moisture Resistance
MIL-STD-883, Method 1004
Moisture Sensitivity
J-STD-020, MSL 1
Resistance to Soldering Heat
MIL-STD-202, Method 210, Condition K
Resistance to Solvents
MIL-STD-202, Method 215
Solderability
MIL-STD-883, Method 2003
Temperature Cycling
MIL-STD-883, Method 1010, Condition B
Vibration
MIL-STD-883, Method 2007, Condition A
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
E1M
UM-1
CR10
03/08
FREQUENCY
LOAD CAPACITANCE
S=Series Resonant
XX=8pF Parallel Resonant to 50pF Parallel Resonant
MODE OF OPERATION
A=Fundamental
B=Third Overtone
C=Fifth Overtone
PART NUMBERING GUIDE
E1M 2 C B A 20 - 30.000M
FREQUENCY TOLERANCE (AT 25°C)
2=±10ppm
3= ±15ppm
FREQUENCY STABILITY
B=±10ppm
C=±15ppm
D=±30ppm
OPERATING TEMPERATURE RANGE
A=0°C to 50°C
B=-20°C to 70°C
C=-40°C to 85°C
Line 1: E XX.XX
Frequency in MHz
(4 Digits Maximum + Decimal)
Line 2: XXXXX
Ecliptek Manufacturing Identifier
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________


Similar Part No. - E1M2CABS-30.000M

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
E1M KISEMICONDUCTOR-E1M Datasheet
5Mb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jing Heng Electro...
E1M JINGHENG-E1M Datasheet
69Kb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
ATGBICS by Approved Tec...
E1MG-100FX-C ATGBICS-E1MG-100FX-C Datasheet
339Kb / 10P
   E1MG-100FX Foundry Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
E1MG-LHA-C ATGBICS-E1MG-LHA-C Datasheet
285Kb / 8P
   E1MG-LHA Brocade Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
E1MG-LHA-OM-C ATGBICS-E1MG-LHA-OM-C Datasheet
286Kb / 8P
   E1MG-LHA-OM Brocade Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
More results

Similar Description - E1M2CABS-30.000M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com