Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E13C9H1J-155.520MTR Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # E13C9H1J-155.520MTR
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E13C9H1J-155.520MTR Datasheet(HTML) 2 Page - Ecliptek Corporation

  E13C9H1J-155.520MTR Datasheet HTML 1Page - Ecliptek Corporation E13C9H1J-155.520MTR Datasheet HTML 2Page - Ecliptek Corporation E13C9H1J-155.520MTR Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
E13C9
CERAMIC
3.3V
OS1T
06/04
E13C9 Series
OSCILLATOR
E13C9
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
• RoHS Compliant (Pb-Free)
• LVPECL Output Oscillators
• 3.3V Supply Voltage
• AT-Cut Fundamental Mode Inverted Mesa Crystal
• Ceramic 6-pad SMD Package
• Stability to 25ppm
• Tri-State Enable High and Enable Low Options
Available on Pad 1 or Pad 2
• Complementary Output
• Wide Range of Available Frequencies
19.440MHz to 200.000MHz
0°C to 70°C, or -40°C to +85°C
-55°C to 125°C
3.3V
DC ±5%
75mA Maximum
±100ppm, ±50ppm, or
±25ppm Maximum
V
CC-1.025VDC Minimum
V
CC-1.620VDC Maximum
1.5 nSeconds Maximum, 600 pSec Typical
50 ±10(%)
50 ±5(%)
50 Ohms into V
CC-2.0VDC
No Connect and Complementary Output or
Tri-State and Complementary Output
Enables Output
Enables Output
Disables Output: High Impedance
Disables Output: High Impedance
Enables Output
Enables Output
25mA Maximum
10 mSeconds Maximum
5 pSec Maximum
2 pSec Maximum
1 pSec Maximum
-75dBc/Hz Typical
-95dBc/Hz Typical
-125dBc/Hz Typical
-140dBc/Hz Typical
-145dBc/Hz Typical
Nominal Frequency
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
CC)
Input Current
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Logic Control / Additional Output
Enable High Tri-State Input Voltage
Enable Low Tri-State Input Voltage
Output Disable Current
Start Up Time
RMS Phase Jitter
Phase Noise (at 155.520MHz)
Inclusive of All Conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, 1st Year
Aging at 25°C, Shock, and Vibration
20% to 80% of waveform
at 50% of waveform
Enable High or Enable Low
V
IH of 70% of VCC Minimum
No Connection
V
IL of 30% of VCC Maximum
V
IH of 70% of VCC Minimum
No Connection
V
IL of 30% of VCC Maximum
< 44.736MHz; F
J = 12kHz to 20MHz
> 44.736MHz, < 77.760MHz; F
J = 12kHz to 20MHz
> 77.760MHz; F
J = 12kHz to 20MHz
at 10Hz Offset
at 100Hz Offset
at 1kHz Offset
at 10kHz Offset
at 100kHz Offset
H
2.0
L
7.0
W
5.0
OBSOLETE


Similar Part No. - E13C9H1J-155.520MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
E13C1C1A-155.520M ECLIPTEK-E13C1C1A-155.520M Datasheet
951Kb / 13P
   OSCILLATOR
E13C1C1A-155.520MTR ECLIPTEK-E13C1C1A-155.520MTR Datasheet
951Kb / 13P
   OSCILLATOR
E13C1C1B-155.520M ECLIPTEK-E13C1C1B-155.520M Datasheet
951Kb / 13P
   OSCILLATOR
E13C1C1B-155.520MTR ECLIPTEK-E13C1C1B-155.520MTR Datasheet
951Kb / 13P
   OSCILLATOR
E13C1C1C-155.520M ECLIPTEK-E13C1C1C-155.520M Datasheet
951Kb / 13P
   OSCILLATOR
More results

Similar Description - E13C9H1J-155.520MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com