Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72T331 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST72T331
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72T331 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST72T331 Datasheet HTML 7Page - STMicroelectronics ST72T331 Datasheet HTML 8Page - STMicroelectronics ST72T331 Datasheet HTML 9Page - STMicroelectronics ST72T331 Datasheet HTML 10Page - STMicroelectronics ST72T331 Datasheet HTML 11Page - STMicroelectronics ST72T331 Datasheet HTML 12Page - STMicroelectronics ST72T331 Datasheet HTML 13Page - STMicroelectronics ST72T331 Datasheet HTML 14Page - STMicroelectronics ST72T331 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
11/107
ST72E331 ST72T331
1.4 MEMORY MAP
Figure 7. Program Memory Map
Table 3. Interrupt Vector Map
Vector Address
Description
Remarks
FFE0-FFE1h
FFE2-FFE3h
FFE4-FFE5h
FFE6-FFE7h
FFE8-FFE9h
FFEA-FFEBh
FFEC-FFEDh
FFEE-FFEFh
FFF0-FFF1h
FFF2-FFF3h
FFF4-FFF5h
FFF6-FFF7h
FFF8-FFF9h
FFFA-FFFBh
FFFC-FFFDh
FFFE-FFFFh
Not Used
Not Used
EEPROM Interrupt Vector
SCI Interrupt Vector
TIMER B Interrupt Vector
TIMER A Interrupt Vector
SPI interrupt vector
Not Used
External Interrupt Vector EI3
External Interrupt Vector EI2
External Interrupt Vector EI1
External Interrupt Vector EI0
Not Used
Not Used
TRAP (software) Interrupt Vector
RESET Vector
Internal Interrupt
Internal Interrupt
Internal Interrupt
Internal Interrupt
Internal Interrupt
External Interrupt
External Interrupt
External Interrupt
External Interrupt
CPU Interrupt
0000h
Interrupt & Reset Vectors
HW Registers
027Fh
0080h
Short Addressing
RAM (zero page)
16-bit Addressing
RAM
007Fh
0200h / 0280h
0BFFh
Reserved
0080h
(see Table 4)
0C00h
FFDFh
FFE0h
FFFFh
(see Table 3)
027Fh
C000h
Reserved
EEPROM
256 Bytes
0CFFh
0D00h
BFFFh
00FFh
0100h
01FFh
0200h
8K Bytes
E000h
16K Bytes
Program
Short Addressing
RAM (zero page)
0080h
00FFh
01FFh
01FFh
384 Bytes RAM
512 Bytes RAM
256 Bytes Stack/
16-bit Addressing RAM
256 Bytes Stack/
16-bit Addressing RAM
0100h
Memory
Program
Memory
11


Similar Part No. - ST72T331

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72T311 STMICROELECTRONICS-ST72T311 Datasheet
660Kb / 100P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72T311 STMICROELECTRONICS-ST72T311 Datasheet
66Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
ST72T311 STMICROELECTRONICS-ST72T311 Datasheet
1Mb / 101P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72T311J2 STMICROELECTRONICS-ST72T311J2 Datasheet
660Kb / 100P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72T311J2 STMICROELECTRONICS-ST72T311J2 Datasheet
1Mb / 101P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
More results

Similar Description - ST72T331

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72101 STMICROELECTRONICS-ST72101 Datasheet
531Kb / 84P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
September 1999 Rev. 1.7
ST72101 STMICROELECTRONICS-ST72101_01 Datasheet
885Kb / 85P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
   8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
   8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
October 1997 Rev. 1.2
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com