Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431BN-XX-BL Datasheet(PDF) 10 Page - TAITRON Components Incorporated

Part # LM431BN-XX-BL
Description  Shunt Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM431BN-XX-BL Datasheet(HTML) 10 Page - TAITRON Components Incorporated

Back Button LM431BN-XX-BL Datasheet HTML 6Page - TAITRON Components Incorporated LM431BN-XX-BL Datasheet HTML 7Page - TAITRON Components Incorporated LM431BN-XX-BL Datasheet HTML 8Page - TAITRON Components Incorporated LM431BN-XX-BL Datasheet HTML 9Page - TAITRON Components Incorporated LM431BN-XX-BL Datasheet HTML 10Page - TAITRON Components Incorporated LM431BN-XX-BL Datasheet HTML 11Page - TAITRON Components Incorporated LM431BN-XX-BL Datasheet HTML 12Page - TAITRON Components Incorporated LM431BN-XX-BL Datasheet HTML 13Page - TAITRON Components Incorporated LM431BN-XX-BL Datasheet HTML 14Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Shunt Regulator
Rev. A/DX 2007-06-04
LM431
www.taitroncomponents.com
Page 10 of 14
Device Marking Code
Circuit
Tolerance
SOT-23 (N)
SOT-23-5 (N5)
SOT-89 (K)
Blank
2.20%
3A
3A
3A
A
0.80%
EA2
E3B
E43B
LM431
B
0.40%
EA1
E3A
E43A
Dimensions in inches (mm)
SOP-8


Similar Part No. - LM431BN-XX-BL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431B FAIRCHILD-LM431B Datasheet
122Kb / 12P
   Programmable Shunt Regulator
LM431B FAIRCHILD-LM431B Datasheet
135Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
LM431B ONSEMI-LM431B Datasheet
356Kb / 13P
   Programmable Shunt Regulator
June 2013 Rev. 1.2.0
logo
Fairchild Semiconductor
LM431BCM FAIRCHILD-LM431BCM Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
National Semiconductor ...
LM431BCM NSC-LM431BCM Datasheet
380Kb / 12P
   Adjustable Precision Zener Shunt Regulator
More results

Similar Description - LM431BN-XX-BL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com