Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431K-XX-TU Datasheet(PDF) 9 Page - TAITRON Components Incorporated

Part # LM431K-XX-TU
Description  Shunt Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM431K-XX-TU Datasheet(HTML) 9 Page - TAITRON Components Incorporated

Back Button LM431K-XX-TU Datasheet HTML 5Page - TAITRON Components Incorporated LM431K-XX-TU Datasheet HTML 6Page - TAITRON Components Incorporated LM431K-XX-TU Datasheet HTML 7Page - TAITRON Components Incorporated LM431K-XX-TU Datasheet HTML 8Page - TAITRON Components Incorporated LM431K-XX-TU Datasheet HTML 9Page - TAITRON Components Incorporated LM431K-XX-TU Datasheet HTML 10Page - TAITRON Components Incorporated LM431K-XX-TU Datasheet HTML 11Page - TAITRON Components Incorporated LM431K-XX-TU Datasheet HTML 12Page - TAITRON Components Incorporated LM431K-XX-TU Datasheet HTML 13Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Shunt Regulator
Rev. A/DX 2007-06-04
LM431
www.taitroncomponents.com
Page 9 of 14
Typical Application (Continued)
Fig.14- Precision 5V 1.5A Regulator
Fig.15- PWM Converter with Reference


Similar Part No. - LM431K-XX-TU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM431 PHILIPS-LM431 Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Fairchild Semiconductor
LM431 FAIRCHILD-LM431 Datasheet
88Kb / 10P
   Programmable Shunt Regulator
logo
National Semiconductor ...
LM431 NSC-LM431 Datasheet
380Kb / 12P
   Adjustable Precision Zener Shunt Regulator
LM431 NSC-LM431 Datasheet
870Kb / 13P
   Adjustable Precision Zener Shunt Regulator
logo
Texas Instruments
LM431 TI-LM431 Datasheet
1Mb / 23P
[Old version datasheet]   The LM431 is a 3-terminal adjustable shunt regulator with ensured temperature stability over the entire temperature range of operation.
More results

Similar Description - LM431K-XX-TU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com