Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB51F3D20V-12.800M Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EB51F3D20V-12.800M
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB51F3D20V-12.800M Datasheet(HTML) 1 Page - Ecliptek Corporation

  EB51F3D20V-12.800M Datasheet HTML 1Page - Ecliptek Corporation EB51F3D20V-12.800M Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EB51F3 Series
• Temperature Compensated
Crystal Oscillator (TCXO)
• TTL/HCMOS Output
• 5.0V Supply Voltage
• Stability to ±1.5ppm
• External voltage
control option available
ECLIPTEK CORP.
OSCILLATOR
EB51F3
14-PIN DIP
5.0V
OS1V
10/06
OSCILLATOR
EB51F3
H
4.8
L 18.3
W 11.7
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Stability
Aging (at 25°C)
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Internal Trim (Top of Can)
Control Voltage (External)
Frequency Deviation
Input Impedance
Modulation Bandwidth
Typical Phase Noise
vs. Operating Temperature Range
vs. Input Voltage (V
DD ±5%)
vs. Load (±2pF)
w/TTL Load
w/HCMOS Load
w/TTL Load
w/HCMOS Load
0.4V
DC to 2.4VDC w/TTL Load or
20% to 80% of Waveform w/HCMOS Load
at 1.4V
DC w/TTL Load or
at 50% of Waveform w/HCMOS Load
Referenced to F
O at VC = 2.5VDC; VDD = 5.0VDC
Measured at -3dB, V
C = 2.5VDC
at 10Hz Offset
at 100Hz Offset
at 1kHz Offset
at 10kHz Offset
at 100kHz Offset
1.544MHz to 44.736MHz
See Table 1
-40°C to 85°C
5.0V
DC ±5%
30mA Maximum
See Table 1
±0.3ppm Maximum
±0.2ppm Maximum
±1ppm / year Maximum
2.4V
DC Minimum
V
DD - 0.5VDC Minimum
0.4V
DC Maximum
0.5V
DC Maximum
10 nSeconds Maximum
50 ±10(%)
10TTL Load 15pF HCMOS Load Maximum
±3ppm Minimum
2.5V
DC ±2.0VDC , Positive Transfer Characteristic
±7ppm Minimum, ±20ppm Maximum
10kOhms Typical
10kHz Minimum
-70dBc/Hz
-100dBc/Hz
-130dBc/Hz
-140dBc/Hz
-145dBc/Hz


Similar Part No. - EB51F3D20V-12.800M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EB51F2 ECLIPTEK-EB51F2 Datasheet
165Kb / 5P
   SPECIFICATION CONTROL DRAWING
EB51F2A10N-20.000M ECLIPTEK-EB51F2A10N-20.000M Datasheet
165Kb / 5P
   SPECIFICATION CONTROL DRAWING
EB51F2A10N-20000M ECLIPTEK-EB51F2A10N-20000M Datasheet
165Kb / 5P
   SPECIFICATION CONTROL DRAWING
EB51F2A10V-20.000M ECLIPTEK-EB51F2A10V-20.000M Datasheet
165Kb / 5P
   SPECIFICATION CONTROL DRAWING
EB51F2A10V-20000M ECLIPTEK-EB51F2A10V-20000M Datasheet
165Kb / 5P
   SPECIFICATION CONTROL DRAWING
More results

Similar Description - EB51F3D20V-12.800M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com