Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78LM15LZ-XX-TU Datasheet(PDF) 7 Page - TAITRON Components Incorporated

Part # LM78LM15LZ-XX-TU
Description  200mA Positive Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM78LM15LZ-XX-TU Datasheet(HTML) 7 Page - TAITRON Components Incorporated

Back Button LM78LM15LZ-XX-TU Datasheet HTML 3Page - TAITRON Components Incorporated LM78LM15LZ-XX-TU Datasheet HTML 4Page - TAITRON Components Incorporated LM78LM15LZ-XX-TU Datasheet HTML 5Page - TAITRON Components Incorporated LM78LM15LZ-XX-TU Datasheet HTML 6Page - TAITRON Components Incorporated LM78LM15LZ-XX-TU Datasheet HTML 7Page - TAITRON Components Incorporated LM78LM15LZ-XX-TU Datasheet HTML 8Page - TAITRON Components Incorporated LM78LM15LZ-XX-TU Datasheet HTML 9Page - TAITRON Components Incorporated LM78LM15LZ-XX-TU Datasheet HTML 10Page - TAITRON Components Incorporated LM78LM15LZ-XX-TU Datasheet HTML 11Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
200mA Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM78LM
www.taitroncomponents.com
Page 7 of 15
For LM78LM18 (VIN=27V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified)
LM78LM18
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
17.28
18.00
18.72
V
TJ=25℃
17.10
-
18.90
V
21V≤VIN≤33V, IOUT=1mA-40mA
VOUT
Output Voltage
17.10
-
18.90
V
21V≤VIN≤VMAX, IOUT=1mA-
200mA, Power Dissipation<0.5W
-
30
170
mV
TJ=25℃, 1mA≤IOUT≤100mA
∆VOUT
Load Regulation
-
15
85
mV
TJ=25℃, 1mA≤IOUT≤40mA
-
145
300
mV
TJ=25℃, 21V≤VIN≤33V
∆VOUT
Line Regulation
-
135
250
mV
TJ=25℃, 22V≤VIN≤33V
IQ
Quiescent Current
-
2.0
6.0
mA
-
-
1.5
mA
21V≤VIN≤33V
∆IQ
Quiescent Current Change
-
-
0.1
mA
1mA≤IIN≤40mA
eN
Output Noise Voltage
-
150
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of VOUT
-
-1.8
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
34
48
-
dB
23V≤VIN≤33V, f=120Hz, TJ=25℃
VD
Dropout Voltage
-
1.7
-
V
TJ=25℃
For LM78LM24 (VIN=33V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified)
LM78LM24
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
23.04
24.00
24.96
V
TJ=25℃
22.80
-
25.20
V
27V≤VIN≤38V, IOUT=1mA-40mA
VOUT
Output Voltage
22.80
-
25.20
V
27V≤VIN≤VMAX, IOUT=1mA-
200mA, Power Dissipation<0.5W
-
40
200
mV
TJ=25℃, 1mA≤IOUT≤100mA
∆VOUT
Load Regulation
-
20
100
mV
TJ=25℃, 1mA≤IOUT≤40mA
-
160
300
mV
TJ=25℃, 27V≤VIN≤38V
∆VOUT
Line Regulation
-
150
250
mV
TJ=25℃, 28V≤VIN≤38V
IQ
Quiescent Current
-
2.2
6.0
mA
-
-
1.5
mA
27V≤VIN≤38V
∆IQ
Quiescent Current Change
-
-
0.1
mA
1mA≤IIN≤40mA
eN
Output Noise Voltage
-
200
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of
VOUT
-
-2.0
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
34
45
-
dB
27V≤VIN≤38V, f=120Hz, TJ=25℃
VD
Dropout Voltage
-
1.7
-
V
TJ=25℃
Note: The maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of
the package and copper pattern of PCB. The data above represent pulse test conditions with junction
temperatures specified at the initiation of test.


Similar Part No. - LM78LM15LZ-XX-TU

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L NSC-LM78L Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Texas Instruments
LM78L TI1-LM78L Datasheet
1Mb / 35P
[Old version datasheet]   LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
logo
National Semiconductor ...
LM78L00 NSC-LM78L00 Datasheet
164Kb / 10P
   LM78L00 Series 3-Terminal Positive Voltage Regulators
logo
First Components Intern...
LM78L00 FCI-LM78L00 Datasheet
386Kb / 6P
   3-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - LM78LM15LZ-XX-TU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com