Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LMV358 Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part No. LMV358
Description  Dual Low Voltage Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo 

LMV358 Datasheet(HTML) 4 Page - TAITRON Components Incorporated

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Dual Low Voltage Operational Amplifier
Rev. A/DX 2007-06-04
LMV358
www.taitroncomponents.com
Page 4 of 18
5V DC Electrical Characteristics
(V
=5V, V+=0V, VCM=2.0V, VOUT=V⎯/2 and RL>1MΩ, TJ=25ºC unless otherwise specified)
LMV358
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
VIO
Input Offset Voltage
7
1.7
9
mV
-
TCVos
Input Offset Current Average
Drift
-
5
-
µV/° C
-
IBIAS
Input Bias Current
250
15
500
nA
-
IIO
Input Offset Current
50
5
150
nA
-
CMRR
Common Mode Rejection Ratio
50
65
-
dB
0V≤
VCM≤4V
PSRR
Power Supply Rejection Ratio
50
60
-
dB
2.7V≤
V⎯≤5V,VOUT=1V,VCM=1V
0
-0.2
-
V
VCM
Input Common Mode Voltage
-
4.2
4
V
For CMRR≥50dB
Av
Large Signal Voltage Gain
10
100
15
V/mV
RL=2KΩ (Note5)
V+-400
V⎯-40
V⎯-300
300
120
400
RL=2KΩ to 2.5V
V+-200
V⎯-10
V⎯-10
VOUT
Output Voltage Swing
180
65
280
mV
RL=10KΩ to 1.35V
5
60
-
mA
Sourcing, VOUT=0V
IOUT
Output Short Circuit Current
10
160
-
mA
Sinking, VOUT=5V
ICC
Power Supply Current
440
210
615
µA
Both amplifiers
5V AC Electrical Characteristics
(V
=5V, V+=0V, VCM=2.0V, VOUT=V⎯/2 and RL>1MΩ, TJ=25ºC unless otherwise specified)
LMV358
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
SR
Slew Rate
-
1
-
V/µs
GBWP Gain-Bandwidth Product
-
1
-
MHz
CL=200pF
Ф(T)
Phase Margin
-
60
-
Deg
-
Gain Margin
-
10
-
dB
-
θr1
Input-Referred Voltage Noise
-
39
-
nV/sq(Hz) f=1KHz
Ir1
Input-Referred Current Noise
-
0.21
-
nV/sq(Hz) f=1KHz
Note: 5. RL is connected to V. The output voltage is 0.5V≤VOUT≤4.5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn