Electronic Components Datasheet Search |
|
LM431LAN-XX-TR70 Datasheet(PDF) 1 Page - TAITRON Components Incorporated |
|
LM431LAN-XX-TR70 Datasheet(HTML) 1 Page - TAITRON Components Incorporated |
1 / 13 page Rev. A/DX 2007-06-04 LM431L LM431LA LM431LB Shunt Regulator TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com Page 1 of 13 Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415 Shunt Regulator General Description • The LM431 Series ICs are low voltage three-terminal programmable shunt regulators with guaranteed thermal stability over a full operation range. These monolithic ICs voltage reference operate as a low temperature coefficient Zener which is programmable from Vref to 18V with two external resistors. These devices exhibit a wide operating current range of 80µA to 50/100mA with a typical dynamic impedance of 0.05 to 0.22Ω. The characteristics of these references make them excellent replacements for Zener diodes in many applications such as digital voltmeters, power supplies and op amp circuitry • The LM431L precision reference is offered in three voltage tolerance for VREF=1.240V: 1.5%, 1.0% and 0.5%. • These ICs are available in 4 packages: TO-92, SOT-23, SOT-23-5 and SOT-89. . . Features Applications • Programmable Precise Output Voltage from 1.24V to 16/18V • High Stability under Capacitive Load • Low Temperature Deviation • Low Dynamic Output Impedance: 0.05 to 0.22Ω Typical • Operating Current from 80µA to 50/100mA. • Low Output Noise Voltage • RoHS Compliance SOT-89 SOT-23-5 SOT-23 • Graphic Card • PC Motherboard • Voltage Adapter • Switching Power Supply • Charger TO-92 |
Similar Part No. - LM431LAN-XX-TR70 |
|
Similar Description - LM431LAN-XX-TR70 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |