Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431BZ-XX-TR70 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # LM431BZ-XX-TR70
Description  Shunt Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM431BZ-XX-TR70 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  LM431BZ-XX-TR70 Datasheet HTML 1Page - TAITRON Components Incorporated LM431BZ-XX-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated LM431BZ-XX-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated LM431BZ-XX-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated LM431BZ-XX-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated LM431BZ-XX-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated LM431BZ-XX-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated LM431BZ-XX-TR70 Datasheet HTML 8Page - TAITRON Components Incorporated LM431BZ-XX-TR70 Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. A/DX 2007-06-04
LM431 LM431A LM431B
Shunt Regulator
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 14
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
Shunt Regulator
General Description
• The LM431 Series ICs are three-terminal programmable
shunt regulators with guaranteed thermal stability over a
full operation range. These monolithic ICs voltage reference
operate as a low temperature coefficient Zener which is
programmable from Vref to 36V with two external resistors.
These devices exhibit a wide operating current range of 1.0 to
100mA with a typical dynamic impedance of 0.15 to 0.22Ω. The
characteristics of these references make them excellent
replacements for Zener diodes in many applications such as
digital voltmeters, power supplies and op amp circuitry
The 2.5V reference makes it convenient to obtain a stable
reference from 5.0V logic supplies, and since the LM431 series
operates as a shunt regulator, it can be used as either a positive or
negative voltage reference.
• The output voltage of both types can be set to any value between VREF (2.5V) and the corresponding
maximum cathode voltage.
.
Features
Applications
• Programmable Precise Output Voltage from
2.5V to 36V
• High Stability under Capacitive Load
• Low Temperature Deviation
• Can be used in either positive or negative
Voltage reference
• Low Dynamic Output Impedance: 0.15 to 0.22Ω Typical
• Operating Current from 1.0mA to 100mA
• Low Output Noise Voltage
• RoHS Compliance
SOT-89
SOP-8
TO-92
SOT-23-5
SOT-23
• Charger
• Voltage Adapter
• Switching Power Supply
• Graphic Card
• Precision Voltage Reference


Similar Part No. - LM431BZ-XX-TR70

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431B FAIRCHILD-LM431B Datasheet
122Kb / 12P
   Programmable Shunt Regulator
LM431B FAIRCHILD-LM431B Datasheet
135Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
LM431B ONSEMI-LM431B Datasheet
356Kb / 13P
   Programmable Shunt Regulator
June 2013 Rev. 1.2.0
logo
Fairchild Semiconductor
LM431BCM FAIRCHILD-LM431BCM Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
National Semiconductor ...
LM431BCM NSC-LM431BCM Datasheet
380Kb / 12P
   Adjustable Precision Zener Shunt Regulator
More results

Similar Description - LM431BZ-XX-TR70

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com