Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EC2007ATTS-24000M-CL Datasheet(PDF) 2 Page - Ecliptek Corporation

Part No. EC2007ATTS-24000M-CL
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ECLIPTEK [Ecliptek Corporation]
Homepage  http://www.ecliptek.com
Logo 

EC2007ATTS-24000M-CL Datasheet(HTML) 2 Page - Ecliptek Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC20
14 pin DIP
3.3V
OS61
08/06
EC20 Series
• RoHS Compliant (Pb-free)
• HCMOS output
• 3.3V supply voltage
• 14 pin DIP package
• Stability to ±5ppm
• Custom lead length,
gull wing options available
ELECTRICAL SPECIFICATIONS
EC20
OSCILLATOR
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
1.000MHz to 20.000MHz
20.001MHz to 50.000MHz
vs. Operating Temperature Range
vs. Input Voltage ( V
DD ±5%)
vs. Load (±2pF)
w/HCMOS Load
w/HCMOS Load
10% to 90% of Waveform < 20.000MHz
10% to 90% of Waveform > 20.000MHz
at 50% of Waveform
V
IH: No Connection
V
IH:
≥2.2V
DC
V
IL:
≤0.8V
DC
Frequency Range (MHz)
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Tolerance / Stability
Internal Trim (Top of Can)
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Tri-State Input Voltage
Aging (at 25°C)
Start Up Time
Period Jitter: Absolute
Period Jitter: One Sigma
1.000MHz to 50.000MHz
Per Table 1
-55°C to 125°C
3.3V
DC ±10%
10mA Maximum
20mA Maximum
Per Table 1
±2.0ppm Maximum
±1.0ppm Maximum
±5ppm Minimum
2.7V
DC Minimum
I
OH = -8mA
0.5V
DC Maximum
I
OL = +8mA
10 nSeconds Maximum
6 nSeconds Maximum
50 ±10(%) (Standard) or 50 ±5(%) (Optional)
15pF HCMOS Load
Enables Output
Enables Output
Disables Output: High Impedance
±1ppm / year Maximum
10 mSeconds Maximum
±100pSeconds Maximum
±25pSeconds Maximum
H
8.0
L 20.8
W 13.2
OBSOLETE


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VCC41.8 2.5 3.3 5.0 volt CMOS Oscillator 1 2 3 4 5 MoreVectron International, Inc
GXO-U1005V OSCILLATOR 1 Golledge Electronics Ltd
XQ1006-BD14.7-15.7 GHz GaAs MMIC Voltage Controlled Oscillator 1 2 3 4 5 Mimix Broadband
M210X_075x7 mm 3.3/2.5/1.8 Volt LVPECL/LVDS/CML Clock Oscillator 1 2 3 MTRONPTI
CLV0769E-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV1080AVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CLV4700A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CRO2013A-LFVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc
CRO2375AVOLTAGE CONTROLLED OSCILLATOR 1 2 Z-Communications, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn