Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXLE184 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXLE184
Description  TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE184 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXLE184 Datasheet HTML 1Page - Advanced XTAL Products AXLE184 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXLE184
ww.axtal.com
Wasemweg 5
page
2(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Frequency Stability over Temperature
Table 1
Table 2
Code4
Stability
05
± 0.5
10
± 1.0
15
± 1.5
20
± 2.0
25
± 2.5
30
± 3.0
35
± 3.5
50
± 5.0
Lower
Temperature
Upper Temperature
Code5
Temp/°C
Code5
Temp/°C
0
0
A
+50
1
-10
B
+60
2
-20
C
+70
3
-30
D
+75
4
-40
E
+80
F
+85
Ordering Code:
Option 1
Option 2
Option 3
Option 4
Option 5
Part number
EFC
Supply Voltage
Output
Stability
Temp. range
AXLE184
_ or “V”
5 or 3
S, C, H, P, L
See tables 1 & 2
Example: AXLE184V-5-S-10-3D
Enclosure drawing
Pin connections (No EFC)
Pin #
Symbol
Function
1
N.C. or
ComplOUT
No Connection or
Complementary Output
(PECL and LVDS)
2
GND
Ground
3
RF OUT
RF Output
4
Vs
Supply Voltage
Pin connections (With EFC)
Pin #
Symbol
Function
1
VC
Voltage Control (EFC)
2
GND
Ground
3
RF OUT
RF Output
4
VS
Supply Voltage
5
ComplOUT Complementary Output
(PECL and LVDS)


Similar Part No. - AXLE184

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE184B AXTAL-AXLE184B Datasheet
119Kb / 4P
   SMD (VC)TCXO in gull wing package
More results

Similar Description - AXLE184

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
   TCXO
08/10/2013
logo
IQD Frequency Products ...
LFTCXO075801 IQD-LFTCXO075801 Datasheet
145Kb / 2P
   TCXO
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
   TCXO
logo
Vectron International, ...
TX-7040-EAE-2872-12M8 VECTRON-TX-7040-EAE-2872-12M8 Datasheet
143Kb / 5P
   TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com