Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78LM08K-XX-TR70 Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # LM78LM08K-XX-TR70
Description  200mA Positive Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM78LM08K-XX-TR70 Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  LM78LM08K-XX-TR70 Datasheet HTML 1Page - TAITRON Components Incorporated LM78LM08K-XX-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated LM78LM08K-XX-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated LM78LM08K-XX-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated LM78LM08K-XX-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated LM78LM08K-XX-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated LM78LM08K-XX-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated LM78LM08K-XX-TR70 Datasheet HTML 8Page - TAITRON Components Incorporated LM78LM08K-XX-TR70 Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
200mA Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM78LM
www.taitroncomponents.com
Page 4 of 15
For LM78LM06 (VIN=12V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO =0.1µF, unless otherwise specified)
LM78LM06
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
5.76
6.0
6.24
V
TJ=25℃
5.70
-
6.30
V
8.5V≤VIN≤20V, IOUT=1mA-40mA
VOUT
Output Voltage
5.70
-
6.30
V
8.5V≤VIN≤VMAX, IOUT=1mA-
200mA, Power Dissipation<0.5W
-
12.8
80
mV
TJ=25℃, 1mA≤IOUT≤100mA
∆VOUT
Load Regulation
-
5.8
40
mV
TJ=25℃, 1mA≤IOUT≤70mA
-
64
175
mV
TJ=25℃, 8.5V≤VIN≤20V
∆VOUT
Line Regulation
-
54
125
mV
TJ=25℃, 9V≤VIN≤20V
IQ
Quiescent Current
-
3.9
6.0
mA
-
-
1.5
mA
9V≤VIN≤20V
∆IQ
Quiescent Current Change
-
-
0.1
mA
1mA≤IIN≤40mA
eN
Output Noise Voltage
-
49
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of VOUT
-
-0.75
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
40
46
-
dB
10V≤VIN≤20V, f=120Hz, TJ=25℃
VD
Dropout Voltage
-
1.7
-
V
TJ=25℃
For LM78LM08 (VIN=14V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified)
LM78LM08
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
7.68
8.0
8.32
V
TJ=25℃
7.60
-
8.40
V
10.5V≤VIN≤23V, IOUT=1mA-40mA
VOUT
Output Voltage
7.60
-
8.40
V
10.5V≤VIN≤VMAX, IOUT=1mA-200mA
Power Dissipation<0.5W
-
15
80
mV
TJ=25℃, 1mA≤IOUT≤100mA
∆VOUT
Load Regulation
-
8.0
40
mV
TJ=25℃, 1mA≤IOUT≤70mA
-
10
175
mV
TJ=25℃, 10.5V≤VIN≤23V
∆VOUT
Line Regulation
-
8
125
mV
TJ=25℃, 11V≤VIN≤23V
IQ
Quiescent Current
-
2.0
5.5
mA
-
-
1.5
mA
11V≤VIN≤23V
∆IQ
Quiescent Current Change
-
-
0.1
mA
1mA≤IIN≤40mA
eN
Output Noise Voltage
-
49
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of VOUT
-
-0.75
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
39
70
-
dB
11V≤VIN≤23V, f=120Hz, TJ=25℃
VD
Dropout Voltage
-
1.7
-
V
TJ=25℃


Similar Part No. - LM78LM08K-XX-TR70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L NSC-LM78L Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Texas Instruments
LM78L TI1-LM78L Datasheet
1Mb / 35P
[Old version datasheet]   LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
logo
National Semiconductor ...
LM78L00 NSC-LM78L00 Datasheet
164Kb / 10P
   LM78L00 Series 3-Terminal Positive Voltage Regulators
logo
First Components Intern...
LM78L00 FCI-LM78L00 Datasheet
386Kb / 6P
   3-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - LM78LM08K-XX-TR70

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com