Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCE15A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # LCE15A
Description  1500W Low Capacitance Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LCE15A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  LCE15A Datasheet HTML 1Page - TAITRON Components Incorporated LCE15A Datasheet HTML 2Page - TAITRON Components Incorporated LCE15A Datasheet HTML 3Page - TAITRON Components Incorporated LCE15A Datasheet HTML 4Page - TAITRON Components Incorporated LCE15A Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1500W Low Capacitance Transient Voltage Suppressor
Rev. B/AH 2007-09-26
LCE6.5A – LCE90A
www.taitroncomponents.com
Page 2 of 5
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@
IT
P/N
Stand-Off
Voltage
V BR
Max. Clamping
Voltage. @
IPPM
Max.
Peak
Pulse Current
Max. Reverse
Leakage Current
@
V WM
Uni-Polar
V WM (V)
Min.
Max.
IT
(mA)
VC (V)
IPPM (A)
(Note1)
ID (
μA)
(Note1)
LCE6.5A
6.5
7.22
7.98
10
11.2
100
1000
LCE7.0A
7.0
7.78
8.60
10
12.0
100
500
LCE7.5A
7.5
8.33
9.21
10
12.9
100
100
LCE8.0A
8.0
8.89
9.83
13.6
100
100
LCE8.5A
8.5
9.44
10.4
14.4
100
50
LCE9.0A
9.0
10.0
11.1
15.4
97.0
10
LCE10A
10.0
11.1
12.3
17.0
88.0
5.0
LCE11A
11.0
12.2
13.5
18.2
82.0
5.0
LCE12A
12.0
13.3
14.7
19.9
75.0
5.0
LCE13A
13.0
14.4
15.9
21.5
70.0
5.0
LCE14A
14.0
15.6
17.2
23.2
65.0
5.0
LCE15A
15.0
16.7
18.5
24.4
61.0
5.0
LCE16A
16.0
17.8
19.7
26.0
57.0
5.0
LCE17A
17.0
18.9
20.9
27.6
54.0
5.0
LCE18A
18.0
20.0
22.1
29.2
51.0
5.0
LCE20A
20.0
22.2
24.5
32.4
46.0
5.0
LCE22A
22.0
24.4
26.9
35.5
42.0
5.0
LCE24A
24.0
26.7
29.5
38.9
39.0
5.0
LCE26A
26.0
28.9
31.9
42.1
36.0
5.0
LCE28A
28.0
31.1
34.4
45.5
33.0
5.0
LCE30A
30.0
33.3
36.8
48.4
31.0
5.0
LCE33A
33.0
36.7
40.6
53.3
28.1
5.0
LCE36A
36.0
40.0
44.2
58.1
25.8
5.0
LCE40A
40.0
44.4
49.1
64.5
23.3
5.0
LCE43A
43.0
47.8
52.8
69.4
21.6
5.0
LCE45A
45.0
50.0
55.3
1
72.7
20.6
5.0


Similar Part No. - LCE15A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE15A EIC-LCE15A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
LCE15A MERITEK-LCE15A Datasheet
391Kb / 3P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
LCE15A UNSEMI-LCE15A Datasheet
3Mb / 6P
   6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Microsemi Corporation
LCE15A MICROSEMI-LCE15A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Ruilongyuan Electronics...
LCE15A RUILON-LCE15A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - LCE15A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com