Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA317LS8-XX-AR Datasheet(PDF) 6 Page - TAITRON Components Incorporated

Part # LA317LS8-XX-AR
Description  100mA Adustable Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LA317LS8-XX-AR Datasheet(HTML) 6 Page - TAITRON Components Incorporated

  LA317LS8-XX-AR Datasheet HTML 1Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 2Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 3Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 4Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 5Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 6Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 7Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 8Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 9Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
100mA Adjustable Positive Voltage Regulator
Rev. A/DX 2007-06-04
LA317L
www.taitroncomponents.com
Page 6 of 9
Fig.9- Load Transient Response
(Conditions: VIN=10.25V, VOUT=5.25V, CIN=0.1μF,
COUT=1μF, TA=25℃)
Time (200μs/Div)
Fig.10- Line Transient Response
(Conditions: VIN=10.25 to 11.25V, IOUT=40mA,
VOUT=5.25V, CIN=0.1μF, COUT=1μF, TA=25℃)
Time (200μs/Div)
Typical Characteristics Curves (Continued)
Typical Application
Fig.11- 5V Logic Regulator with Electronic
Shutdown (Minimum output=1.2V)
Fig.12- Adjustable Regulator with Improved
Ripple Rejection
Note: Discharge C1 if output is shorted to ground


Similar Part No. - LA317LS8-XX-AR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA317 ETC2-LA317 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
logo
TAITRON Components Inco...
LA317 TAITRON-LA317 Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
logo
List of Unclassifed Man...
LA317D-XX-AR ETC2-LA317D-XX-AR Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
logo
TAITRON Components Inco...
LA317D-XX-AR TAITRON-LA317D-XX-AR Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
logo
List of Unclassifed Man...
LA317D-XX-BL ETC2-LA317D-XX-BL Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
More results

Similar Description - LA317LS8-XX-AR

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM317 TAITRON-LM317 Datasheet
375Kb / 8P
   Adustable Positive Voltage Regulator
LA317 TAITRON-LA317 Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com