Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC320010-24.000M-CL Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EC320010-24.000M-CL
Description  OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC320010-24.000M-CL Datasheet(HTML) 1 Page - Ecliptek Corporation

  EC320010-24.000M-CL Datasheet HTML 1Page - Ecliptek Corporation EC320010-24.000M-CL Datasheet HTML 2Page - Ecliptek Corporation EC320010-24.000M-CL Datasheet HTML 3Page - Ecliptek Corporation EC320010-24.000M-CL Datasheet HTML 4Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EC32 Series
• RoHS Compliant (Pb-free)
• Voltage Controlled
Crystal Oscillator (VCXO)
• 3.3V Supply Voltage
• HCMOS/TTL output
• 14 pin DIP package
• Stability to ±20ppm
• Wide frequency and pull range
ECLIPTEK CORP.
OSCILLATOR
EC32
14 pin DIP
3.3V
OS46
08/06
OSCILLATOR
EC32
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
1.65V
DC ±1.65VDC Positive Transfer Characteristic, or
1.65V
DC ±1.65VDC Positive Transfer Characteristic
1.000MHz to 20.000MHz
20.001MHz to 44.736MHz
Inclusive of Operating Temperature
Range, Supply Voltage, and Load
w/TTL Load
w/HCMOS Load
w/TTL Load or w/HCMOS Load
at 50% of Waveform
at 50% of Waveform
0.4V
DC to 2.4VDC w/TTL Load;
20% to 80% of Waveform w/HCMOS Load
1.000MHz to 44.736MHz
0°C to 70°C or -40°C to +85°C
-55°C to +125°C
3.3V
DC ±10%
±5ppm / year Maximum
2TTL Load or 15pF HCMOS Load Maximum
10 mSeconds Maximum
±50ppm Minimum
±100ppm Minimum
±20% Maximum, ±15% Maximum, or 10% Maximum
10mA Maximum
20mA Maximum
±100ppm, ±50ppm, ±25ppm, or
±20ppm Maximum (0°C to 70°C Only)
2.4V
DC Minimum
2.7V
DC Minimum
0.4V
DC Maximum
50 ±10(%) (Standard)
50 ±5(%) (Optional)
5 nSeconds Maximum
±100pSeconds Maximum
±25pSeconds Maximum
Frequency Range (MHz)
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Aging (at 25°C)
Load Drive Capability
Start Up Time
Frequency Deviation /
Control Voltage
Linearity
Input Current
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Duty Cycle
Rise Time / Fall Time
Period Jitter: Absolute
Period Jitter: One Sigma
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H
5.08
L 20.8
W 13.2


Similar Part No. - EC320010-24.000M-CL

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC320 DFI-EC320 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC320-CR4866 DFI-EC320-CR4866 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC320-CR6881 DFI-EC320-CR6881 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC320-CR6G60 DFI-EC320-CR6G60 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC320-CRA060 DFI-EC320-CRA060 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
More results

Similar Description - EC320010-24.000M-CL

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com