Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDI-E805 Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part # PDI-E805
Description  GaAlAs High Power IR LED Emitters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

PDI-E805 Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  PDI-E805 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Low noise
• Blue enhanced
• High shunt resistance
• High response
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
75
V
TSTG
Storage Temperature
-55
+150
°C
TO
Operating Temperature
-40
+125
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short Circuit Current
H = 100 fc, 2850 K
35
40
μA
ID
Dark Current
VR = 10 V
150
300
pA
RSH
Shunt Resistance
VR = 10 mV
1.0
6
GW
CJ
Junction Capacitance
VR = 0 V, f = 1 MHz
340
pF
lrange
Spectral Application Range
Spot Scan
350
1100
nm
R
Responsivity
l= 450 nm V, VR = 0 V
0.15
0.17
A/W
VBR
Breakdown Voltage
I = 10 μA
30
50
V
NEP
Noise Equivalent Power
VR = 0V @ l=Peak
5X10
-14
W/ √ Hz
RL = 50 Ω,VR = 0 V
190
tr
Response Time**
RL = 50 Ω,VR = 10 V
13
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Wavelength (nm)
Blue Enhanced Photovoltaic Silicon Photodiode
PDB-V104
PACKAGE DIMENSIONS INCH [mm]
TO-46 PACKAGE
The PDB-V104 is a blue enhanced PIN silicon
photodiode in a photovoltaic mode, packaged in a
TO-46 package.
• Instrumentation
• Industrial
• Medical
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
TO-46 PACKAGE
.125 [3.18]
.066 [1.68]
.046 [1.17] ACTIVE AREA
.104 [2.64] ACTIVE AREA
Ø .215 [5.46]
Ø .210 [5.33]
45°
2X Ø.018 [0.46]
ANODE
CATHODE
2X .500 [12.7] MIN
.100 [2.54]
65°
VIEWING
ANGLE
Ø .152 [3.86]
Ø .156 [3.96]
Ø.181 [4.60]
Ø.187 [4.75]
.060 [1.52]
.150 [3.81]


Similar Part No. - PDI-E805

ManufacturerPart #DatasheetDescription
logo
API Delevan
PDI-E801 API-PDI-E801 Datasheet
131Kb / 1P
   GaAlAs High Power IR LED Emitters
logo
Advanced Photonix, Inc.
PDI-E801 ADVANCEDPHOTONIX-PDI-E801 Datasheet
131Kb / 1P
   GaAlAs High Power IR LED Emitters
PDI-E802 ADVANCEDPHOTONIX-PDI-E802 Datasheet
94Kb / 1P
   GaAlAs High Power IR LED Emitters
PDI-E803 ADVANCEDPHOTONIX-PDI-E803 Datasheet
94Kb / 1P
   GaAlAs High Power IR LED Emitters
PDI-E804 ADVANCEDPHOTONIX-PDI-E804 Datasheet
94Kb / 1P
   GaAlAs High Power IR LED Emitters
More results

Similar Description - PDI-E805

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDI-E940 ADVANCEDPHOTONIX-PDI-E940 Datasheet
66Kb / 1P
   GaAlAs High power IR LED Emitters
PDI-E803 ADVANCEDPHOTONIX-PDI-E803 Datasheet
94Kb / 1P
   GaAlAs High Power IR LED Emitters
logo
API Delevan
PDI-E940SM API-PDI-E940SM Datasheet
73Kb / 1P
   GaAlAs High power IR LED Emitters
logo
Advanced Photonix, Inc.
PDI-E804 ADVANCEDPHOTONIX-PDI-E804 Datasheet
94Kb / 1P
   GaAlAs High Power IR LED Emitters
PDI-E809 ADVANCEDPHOTONIX-PDI-E809 Datasheet
130Kb / 1P
   GaAlAs High Power IR LED Emitters
PDI-E825 ADVANCEDPHOTONIX-PDI-E825 Datasheet
109Kb / 1P
   GaAlAs High Power IR LED Emitters
PDI-E813 ADVANCEDPHOTONIX-PDI-E813 Datasheet
106Kb / 1P
   GaAlAs High power IR LED Emitters
PDI-E838 ADVANCEDPHOTONIX-PDI-E838 Datasheet
80Kb / 1P
   GaAlAs High power IR LED Emitters
PDI-E802 ADVANCEDPHOTONIX-PDI-E802 Datasheet
94Kb / 1P
   GaAlAs High Power IR LED Emitters
logo
API Delevan
PDI-E801 API-PDI-E801 Datasheet
131Kb / 1P
   GaAlAs High Power IR LED Emitters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com